Electronic Components Datasheet Search
  English  ▼

X  

LM211P Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM211P
Description  DIFFERENTIAL COMPARATORS WITH STROBES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM211P Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM211P Datasheet HTML 10Page - Texas Instruments LM211P Datasheet HTML 11Page - Texas Instruments LM211P Datasheet HTML 12Page - Texas Instruments LM211P Datasheet HTML 13Page - Texas Instruments LM211P Datasheet HTML 14Page - Texas Instruments LM211P Datasheet HTML 15Page - Texas Instruments LM211P Datasheet HTML 16Page - Texas Instruments LM211P Datasheet HTML 17Page - Texas Instruments LM211P Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LM111, LM211, LM311
DIFFERENTIAL COMPARATORS WITH STROBES
SLCS007H − SEPTEMBER 1973 − REVISED AUGUST 2003
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
† Adjust to set clamp level
3.9 k
Ω
30 k
Ω†
1.5
μF
+
VCC+ = 5 V
Input
From
TTL
2N2222
2N3708
Output
510
Ω
1 k
Ω
1 k
Ω
2N2222
2N2222
2.2 k
Ω
1N914
1N914
2.7 k
Ω
Figure 22. Precision Squarer
5 k
Ω
0.01
μF
TTL
Output
1 k
Ω
1 k
Ω
1 k
Ω
100
Ω
From
TTL
Gate
50 k
Ω
Opto Isolator
5 V
VCC+ = 5 V
Figure 23. Digital Transmission Isolator
1.5
μF
+
10 k
Ω
2 k
Ω
VCC+ = 15 V
TL081
Output
Input
1 M
Ω
VCC− = −15 V
−
+
Figure 24. Positive-Peak Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com