Electronic Components Datasheet Search
  English  ▼

X  

LM211D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM211D
Description  DIFFERENTIAL COMPARATORS WITH STROBES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM211D Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM211D Datasheet HTML 6Page - Texas Instruments LM211D Datasheet HTML 7Page - Texas Instruments LM211D Datasheet HTML 8Page - Texas Instruments LM211D Datasheet HTML 9Page - Texas Instruments LM211D Datasheet HTML 10Page - Texas Instruments LM211D Datasheet HTML 11Page - Texas Instruments LM211D Datasheet HTML 12Page - Texas Instruments LM211D Datasheet HTML 13Page - Texas Instruments LM211D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LM111, LM211, LM311
DIFFERENTIAL COMPARATORS WITH STROBES
SLCS007H − SEPTEMBER 1973 − REVISED AUGUST 2003
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
60
40
20
0
05
10
80
100
120
15
VCC± = ±15 V
t
≤ 10 s
VID = −10 mV
TA = 25°C
VO − Output Voltage − V
140
160
300
200
100
0
400
500
600
700
800
OUTPUT CURRENT AND DISSIPATION
vs
OUTPUT VOLTAGE
PO (right scale)
IO (left scale)
Figure 9
3
2
1
0
05
10
4
5
6
15
TA = 25°C
No Load
VCC+ − Positive Supply Voltage − V
VID = −10 mV
POSITIVE SUPPLY CURRENT
vs
POSITIVE SUPPLY VOLTAGE
VID = 10 mV
−3
−2
−1
0
0
−5
−10
−4
−5
−6
−15
NEGATIVE SUPPLY CURRENT
vs
NEGATIVE SUPPLY VOLTAGE
VCC− − Negative Supply Voltage − V
VID = 10 mV or −10 mV
TA = 25°C
No Load
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com