Electronic Components Datasheet Search
  English  ▼

X  

LM311DG4 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM311DG4
Description  DIFFERENTIAL COMPARATORS WITH STROBES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM311DG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM311DG4 Datasheet HTML 9Page - Texas Instruments LM311DG4 Datasheet HTML 10Page - Texas Instruments LM311DG4 Datasheet HTML 11Page - Texas Instruments LM311DG4 Datasheet HTML 12Page - Texas Instruments LM311DG4 Datasheet HTML 13Page - Texas Instruments LM311DG4 Datasheet HTML 14Page - Texas Instruments LM311DG4 Datasheet HTML 15Page - Texas Instruments LM311DG4 Datasheet HTML 16Page - Texas Instruments LM311DG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LM111, LM211, LM311
DIFFERENTIAL COMPARATORS WITH STROBES
SLCS007H − SEPTEMBER 1973 − REVISED AUGUST 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 18. Comparator and Solenoid Driver
Input
22 k
Ω
Output
VCC+
Figure 19. Strobing Both Input and Output Stages
Simultaneously
† Typical input current is 50 pA with inputs strobed off.
VCC+
1 k
Ω
From D/A Network
0.1
μF
Sample
Analog
Input†
2N2222
TTL
Strobe
BAL/STRB
BALANCE
Figure 20. Low-Voltage Adjustable
Reference Supply
500
Ω
3.9 k
Ω
10 k
Ω
1.5
μF
+
VCC+
Output
2N2222
2N3708
1 k
Ω
Figure 21. Zero-Crossing Detector
Driving MOS Logic
3 k
Ω
3 k
Ω
VCC+ = 5 V
Input
10 k
Ω
VCC− = −10 V
Output
to MOS
BAL/
STRB
BALANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com