Electronic Components Datasheet Search
  English  ▼

X  

ZTX655 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZTX655
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTX655 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZTX655 Datasheet HTML 1Page - Zetex Semiconductors ZTX655 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 2 – JULY 94
FEATURES
* 150 Volt VCEO
* 1 Amp continuous current
* Low saturation voltage
*Ptot= 1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
ZTX654
ZTX655
UNIT
Collector-Base Voltage
VCBO
125
150
V
Collector-Emitter Voltage
VCEO
125
150
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
2A
Continuous Collector Current
IC
1A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
ZTX654
ZTX655
UNIT CONDITIONS.
MIN.
MAX. MIN.
MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
125
150
V
IC=100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
125
150
V
IC=10mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
55V
IE=100µA, IC=0
Collector Cut-Off
Current
ICBO
100
100
nA
nA
VCB=100V, IE=0
VCB=125V, IE=0
Emitter Cut-Off
Current
IEBO
100
100
nA
VEB=3V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
0.5
0.5
0.5
0.5
V
V
IC=500mA, IB=50mA*
IC=1A, IB=200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.1
1.1
V
IC=500mA, IB=50mA*
Base-Emitter
Turn-On Voltage
VBE(on)
1.0
1.0
V
IC=500mA, VCE=5V*
Static Forward
Current Transfer
Ratio
hFE
50
50
20
50
50
20
IC=10mA, VCE=5V
IC=500mA, VCE=5V*
IC=1A, VCE=5V*
Transition
Frequency
fT
30
30
MHz
IC=10mA, VCE=20V
f=20MHz
Output Capacitance
Cobo
20
20
pF
VCB=20V, f=1MHz
E-Line
TO92 Compatible
ZTX654
ZTX655
3-225
C
B
E
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
VCE - Collector Voltage (Volts)
Safe Operating Area
11000
10
100
0.01
0.1
1.0
10
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
300µs
0.01
0.1
10
1
IC - Collector Current (Amps)
VBE(sat) v IC
IC/IB=10
IC - Collector Current (Amps)
hFE v IC
0.01
10
0.1
1
VCE=5V
0
0.01
10
0.1
1
0.6
0.8
1.0
1.2
IC/IB=10
0.4
40
60
80
100
IC - Collector Current (Amps)
VBE(on) v IC
Switching Speeds
IC - Collector Current (Amps)
0.1
1
IB1=IB2=IC/10
0.01
ts
tf
td
tr
0.6
0.7
0
ts
µs
2.0
1.0
3.0
td
tr
tf
µs
0.3
0.2
0.1
0.4
0.5
0.18
0.10
20
0
0.01
10
0.1
1
0.6
0.8
1.0
1.2
0.4
VCE=5V
ZT
X6
54
ZTX655
VCE=10V
ZTX654
ZTX655
3-226


Similar Part No. - ZTX655

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX655 DIODES-ZTX655 Datasheet
72Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
JULY 1994
More results

Similar Description - ZTX655

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP43 ZETEX-BSP43 Datasheet
36Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX452 ZETEX-ZTX452 Datasheet
47Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX454 ZETEX-ZTX454 Datasheet
50Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX650 ZETEX-ZTX650 Datasheet
64Kb / 3P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZTX450 DIODES-ZTX450 Datasheet
60Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
ZTX452 DIODES-ZTX452 Datasheet
56Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
ZTX653STOA DIODES-ZTX653STOA Datasheet
70Kb / 3P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
JULY 1994
2N67145 DIODES-2N67145 Datasheet
41Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
ZTX450 DIODES-ZTX450_15 Datasheet
60Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
ZTX455 DIODES-ZTX455_15 Datasheet
59Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com