Electronic Components Datasheet Search
  English  ▼

X  

LPC1311 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC1311
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1311 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC1311 Datasheet HTML 24Page - NXP Semiconductors LPC1311 Datasheet HTML 25Page - NXP Semiconductors LPC1311 Datasheet HTML 26Page - NXP Semiconductors LPC1311 Datasheet HTML 27Page - NXP Semiconductors LPC1311 Datasheet HTML 28Page - NXP Semiconductors LPC1311 Datasheet HTML 29Page - NXP Semiconductors LPC1311 Datasheet HTML 30Page - NXP Semiconductors LPC1311 Datasheet HTML 31Page - NXP Semiconductors LPC1311 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
28 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
9.
Static characteristics
Table 7.
Static characteristics
Tamb = −40 °C to +85 °C, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD
supply voltage (core
and external rail)
2.0
3.3
3.6
V
IDD
supply current
Active mode; VDD =3.3 V;
Tamb =25 °C; code
while(1){}
executed from flash;
system clock = 12 MHz
[2][3][4]
[5][6]
-4
-mA
system clock = 72 MHz
[3][4][5]
[7][6]
-17
-
mA
Sleep mode;
VDD = 3.3 V; Tamb =25 °C;
system clock = 12 MHz
[2][3][4]
[5][6]
-2
-mA
Deep-sleep mode; VDD = 3.3 V;
Tamb =25 °C
[3][8][6] -30
-
μA
Deep power-down mode;
VDD =3.3 V; Tamb =25 °C
[9] -
220
-
nA
Standard port pins and RESET pin; see Figure 16, Figure 17, Figure 18, Figure 19
IIL
LOW-level input current VI = 0 V; on-chip pull-up resistor
disabled
-0.5
10
nA
IIH
HIGH-level input
current
VI =VDD; on-chip pull-down resistor
disabled
-0.5
10
nA
IOZ
OFF-state output
current
VO =0V; VO =VDD; on-chip
pull-up/down resistors disabled
-0.5
10
nA
VI
input voltage
pin configured to provide a digital
function
[10][11]
[12]
0-
5.0
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-level input
voltage
0.7VDD
--
V
VIL
LOW-level input voltage
-
-
0.3VDD
V
Vhys
hysteresis voltage
0.4
-
-
V
VOH
HIGH-level output
voltage
IOH = −4 mA
[13] VDD − 0.4 -
-
V
VOL
LOW-level output
voltage
IOL =4 mA
[13] --
0.4
V
IOH
HIGH-level output
current
VOH =VDD − 0.4 V
[13]
−4-
-
mA
IOL
LOW-level output
current
VOL =0.4 V
[13] 4-
-
mA
IOHS
HIGH-level short-circuit
output current
VOH =0V
[14] --
−45
mA
IOLS
LOW-level short-circuit
output current
VOL =VDD
[14] --
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com