Electronic Components Datasheet Search
  English  ▼

X  

LPC2109 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC2109
Description  Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2109 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC2109 Datasheet HTML 35Page - NXP Semiconductors LPC2109 Datasheet HTML 36Page - NXP Semiconductors LPC2109 Datasheet HTML 37Page - NXP Semiconductors LPC2109 Datasheet HTML 38Page - NXP Semiconductors LPC2109 Datasheet HTML 39Page - NXP Semiconductors LPC2109 Datasheet HTML 40Page - NXP Semiconductors LPC2109 Datasheet HTML 41Page - NXP Semiconductors LPC2109 Datasheet HTML 42Page - NXP Semiconductors LPC2109 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
LPC2109_2119_2129_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 10 December 2007
39 of 44
NXP Semiconductors
LPC2109/2119/2129
Single-chip 16/32-bit microcontrollers
9.1 Timing
Fig 18. External clock timing
tCHCL
tCLCX
tCHCX
Tcy(clk)
tCLCH
002aaa907
0.2VDD + 0.9 V
0.2VDD − 0.1 V
VDD − 0.5 V
0.45 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com