Electronic Components Datasheet Search
  English  ▼

X  

TAS5612APHD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5612APHD
Description  125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5612APHD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5612APHD Datasheet HTML 8Page - Texas Instruments TAS5612APHD Datasheet HTML 9Page - Texas Instruments TAS5612APHD Datasheet HTML 10Page - Texas Instruments TAS5612APHD Datasheet HTML 11Page - Texas Instruments TAS5612APHD Datasheet HTML 12Page - Texas Instruments TAS5612APHD Datasheet HTML 13Page - Texas Instruments TAS5612APHD Datasheet HTML 14Page - Texas Instruments TAS5612APHD Datasheet HTML 15Page - Texas Instruments TAS5612APHD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
20
30
40
50
60
70
80
90
100
T -CaseTemperature-°C
C
0
50
100
150
200
3 W
4 W
6 W
8 W
THD+N=10%
0
10
20
30
40
0
50
100
150
200
250
300
2ChannelOutputPower-W
4 W
6 W
8 W
T =25°C
THD+N=10%
C
-160
-140
-120
-100
-80
-60
-40
-20
0
0
5
10
15
20
f-Frequency-kHz
4 W
T =75°C,
VREF=22.98V,
SampleRate=48kHz,
FFTSize=16384
C
10
100
1k
10k
100k
f-Frequency-Hz
1W
17.3W(1/8Power)
0.001
0.01
0.1
1
10
R =4
,
T =75°C,
ToroidalOutputInductors
L
C
W
TAS5612A
SLAS710 – JUNE 2010
www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
SYSTEMS POWER LOSS
OUTPUT POWER
vs
vs
OUTPUT POWER
CASE TEMPERATURE
Figure 5.
Figure 6.
NOISE AMPLITUDE
TOTAL HARMONIC DISTORTION+NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 7.
Figure 8.
12
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5612A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com