Electronic Components Datasheet Search
  English  ▼

X  

TAS5613APHD Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5613APHD
Description  150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5613APHD Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5613APHD Datasheet HTML 17Page - Texas Instruments TAS5613APHD Datasheet HTML 18Page - Texas Instruments TAS5613APHD Datasheet HTML 19Page - Texas Instruments TAS5613APHD Datasheet HTML 20Page - Texas Instruments TAS5613APHD Datasheet HTML 21Page - Texas Instruments TAS5613APHD Datasheet HTML 22Page - Texas Instruments TAS5613APHD Datasheet HTML 23Page - Texas Instruments TAS5613APHD Datasheet HTML 24Page - Texas Instruments TAS5613APHD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
TAS5613A
www.ti.com
SLAS711 – JUNE 2010
The VREG pin is not recommended to be used as a voltage source for external circuitry.
OSCILLATOR
The oscillator frequency can be trimmed by external control of the FREQ_ADJ pin.
To reduce interference problems while using radio receiver tuned within the AM band, the switching frequency
can be changed from nominal to lower values. These values should be chosen such that the nominal and the
lower value switching frequencies together results in the fewest cases of interference throughout the AM band.
can be selected by the value of the FREQ_ADJ resistor connected to AGND in master mode.
For slave mode operation, turn of the oscillator by pulling the FREQ_ADJ pin to VREG. This configures the
OSC_I/O pins as inputs and needs to be slaved from an external differential clock.
PRINTED CIRCUIT BOARD RECOMMENDATION
Use an unbroken ground plane to have good low impedance and inductance return path to the power supply for
power and audio signals. PCB layout, audio performance and EMI are linked closely together. The circuit
contains high fast switching currents; therefore, care must be taken to prevent damaging voltage spikes. Routing
the audio input should be kept short and together with the accompanied audio source ground. A local ground
area underneath the device is important to keep solid to minimize ground bounce.
Netlist for this printed circuit board is generated from the schematic in Figure 12.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TAS5613A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com