Electronic Components Datasheet Search
  English  ▼

X  

TAS5631PHD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5631PHD
Description  300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5631PHD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5631PHD Datasheet HTML 9Page - Texas Instruments TAS5631PHD Datasheet HTML 10Page - Texas Instruments TAS5631PHD Datasheet HTML 11Page - Texas Instruments TAS5631PHD Datasheet HTML 12Page - Texas Instruments TAS5631PHD Datasheet HTML 13Page - Texas Instruments TAS5631PHD Datasheet HTML 14Page - Texas Instruments TAS5631PHD Datasheet HTML 15Page - Texas Instruments TAS5631PHD Datasheet HTML 16Page - Texas Instruments TAS5631PHD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20m
1
2
10 20
100
P
-OutputPower-W
O
4 W
3 W
T =75°C
C
2 W
200
200m
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
25
50
30
35
40
45
PVDD-SupplyVoltage-V
T =75°C
THD+Nat10%
C
4 W
3 W
2 W
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
10
120
20
30
40
50
60
70
80
90
100 110
T -CaseTemperature-°C
C
THD+Nat10%
4 W
3 W
2 W
TAS5631
www.ti.com
SLES221C – JULY 2009 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS, SE CONFIGURATION
TOTAL HARMONIC dISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 8.
Figure 9.
OUTPUT POWER
vs
CASE TEMPERATURE
Figure 10.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TAS5631



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com