Electronic Components Datasheet Search
  English  ▼

X  

MIC3263 Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # MIC3263
Description  Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3263 Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button MIC3263 Datasheet HTML 15Page - Micrel Semiconductor MIC3263 Datasheet HTML 16Page - Micrel Semiconductor MIC3263 Datasheet HTML 17Page - Micrel Semiconductor MIC3263 Datasheet HTML 18Page - Micrel Semiconductor MIC3263 Datasheet HTML 19Page - Micrel Semiconductor MIC3263 Datasheet HTML 20Page - Micrel Semiconductor MIC3263 Datasheet HTML 21Page - Micrel Semiconductor MIC3263 Datasheet HTML 22Page - Micrel Semiconductor MIC3263 Datasheet HTML 23Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Micrel, Inc.
MIC3263
January 2010
19
M9999-012110
Figure 11. Boost Stage
The operating duty cycle can be calculated using the
equation provided below:
OUT
IN
OUT
(V
- eff × V )
D=
V
and D
′ = 1 − D
Find L using the following equation:
IN
sw
L_PP
L=
I×F
V ×D
IL_PP is the inductor peak-to-peak ripple current.
Use a I
SW is
Outp
given VOUT
L_PP of 20% to 40% of the total load current. F
the boost switching frequency.
ut Capacitor
In a boost converter, to find the COUT for a
ripple use the following calculation:
total
LED
OUT
RIPPLE
I×D
C=
V× sw
F
VRIPPLE can usually be kept below 50mV:
ILED_TOTAL = 6 × 30mA = 180mA
In the MIC3263, the LED current in each channel is
individually regulated by that channels current amplifier
(linear current regulator). These current regulators are fast
enough to follow the boost output voltage ripple and to
keep the LED ripple currents much lower than COUT can
filter the output ripple voltage.
ode and requires
ensation is required to
st stage across all duty
table oscillations.
The
n
of
internal
slope
compensation that is
. The ability to set the
proper slope compensation through the use of a single
external component results in design flexibility. This slope
compensation resistor, RSLP, can be calculated as
follows:
Slope Compensation
The boost stage uses peak current m
slope compensation. Slope comp
maintain internal stability of the boo
cycles and to prevent any uns
MIC3263
uses
a
combinatio
compensation and a additional slope
set by an external resistor, RSLP
OUT(MAX)
s
V- L×F
RSLP =
-6
8.64×10 × V
w
IN(MIN)
IN(MAX)
OUT(MAX) can be selected to system
ficatio
value of RSLP should be 15kΩ.
e lowest VIN and maximum VOUT
will operate.
Example: For these operating conditions:
2V, L = 22μH,
FSW = 1MHz
where V
and V
speci
ns. The lowest
lculate RSLP using th
Ca
the system
VIN(MIN) = 12V, VOUT(MAX) = 3
32V - 22μH×1Mhz
RSLP =
= 96.5kΩ
-6
8.64×10 ×12V
Use the next highest standard value.
Table 3 compiles and lists RSLP values for one set of
operating conditions. Select RSLP for VIN_MIN and VO_MAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com