| Electronic Components Datasheet Search |
|
LPC2921 Datasheet(PDF) 51 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2921 Datasheet(HTML) 51 Page - NXP Semiconductors |
|
51 / 84 page ![]() LPC2921_23_25_3 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 03 — 14 April 2010 51 of 84 NXP Semiconductors LPC2921/2923/2925 ARM9 microcontroller with CAN, LIN, and USB 6.16 Vectored interrupt controller The LPC2921/2923/2925 contains a very flexible and powerful Vectored Interrupt Controller (VIC) to interrupt the ARM processor on request. The key features are: • Level-active interrupt request with programmable polarity. • 56 interrupt-request inputs. • Software-interrupt request capability associated with each request input. • Interrupt request state can be observed before masking. • Software-programmable priority assignments to interrupt requests up to 15 levels. • Software-programmable routing of interrupt requests towards the ARM-processor inputs IRQ and FIQ. • Fast identification of interrupt requests through vector. • Support for nesting of interrupt service routines. 6.16.1 Functional description The Vectored Interrupt Controller routes incoming interrupt requests to the ARM processor. The interrupt target is configured for each interrupt request input of the VIC. The targets are defined as follows: • Target 0 is ARM processor FIQ (fast interrupt service). • Target 1 is ARM processor IRQ (standard interrupt service). CLK_UART0 BASE_UART_CLK + + + CLK_UART1 BASE_UART_CLK + + + CLK_SPI0 BASE_SPI_CLK + + + CLK_SPI1 BASE_SPI_CLK + + + CLK_SPI2 BASE_SPI_CLK + + + CLK_TMR0 BASE_TMR_CLK + + + CLK_TMR1 BASE_TMR_CLK + + + CLK_TMR2 BASE_TMR_CLK + + + CLK_TMR3 BASE_TMR_CLK + + + CLK_ADC1 BASE_ADC_CLK + + + CLK_ADC2 BASE_ADC_CLK + + + CLK_USB BASE_USB_CLK + + + Table 29. Branch clock overview …continued Legend: ‘1’ Indicates that the related register bit is tied off to logic HIGH, all writes are ignored ‘0’ Indicates that the related register bit is tied off to logic LOW, all writes are ignored ‘+’ Indicates that the related register bit is readable and writable Branch clock name Base clock Implemented switch on/off mechanism WAKE-UP AUTO RUN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |