Electronic Components Datasheet Search
  English  ▼

X  

MIC5385 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5385
Description  Ultra Small Triple 150mA Output LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5385 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5385 Datasheet HTML 1Page - Micrel Semiconductor MIC5385 Datasheet HTML 2Page - Micrel Semiconductor MIC5385 Datasheet HTML 3Page - Micrel Semiconductor MIC5385 Datasheet HTML 4Page - Micrel Semiconductor MIC5385 Datasheet HTML 5Page - Micrel Semiconductor MIC5385 Datasheet HTML 6Page - Micrel Semiconductor MIC5385 Datasheet HTML 7Page - Micrel Semiconductor MIC5385 Datasheet HTML 8Page - Micrel Semiconductor MIC5385 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
MIC5385
December 2009
2
M9999-122109-A
Ordering Information
Part Number
Marking Code
VOUT1
VOUT2
VOUT3
Temperature Range
Package
MIC5385-SGFYMT
ZN1
3.3V
1.8V
1.5V
–40°C to +125°C
8-Pin 2mm x 2mm Thin MLF
®
Notes:
1. Other voltages available. Contact Micrel for details.
2. MLF
® ▲ = Pin 1 identifier.
3. MLF
® is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
8-Pin 2mm x 2mm Thin MLF
® (MT)
Pin Description
Pin Number
Pin Names
Pin Function
1
EN3
Enable Input 3: Enables LDO3, Active High. High = ON; Low = OFF. Do not leave floating.
2
IN
Input supply for LDO1, 2 and 3.
3
EN2
Enable Input 2: Enables LDO2, Active High. High = ON; Low = OFF. Do not leave floating.
4
EN1
Enable Input 1: Enables LDO1, Active High. High = ON; Low = OFF. Do not leave floating.
5
OUT2
Output Voltage for LDO2.
6
OUT1
Output Voltage for LDO1.
7
OUT3
Output Voltage for LDO3.
8
GND
Ground for LDO1, 2 and 3.
EP
HS Pad
Exposed Heastsink Pad. (connect to Ground plane for best thermal).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com