Electronic Components Datasheet Search
  English  ▼

X  

XRP7714 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRP7714
Description  Quad Channel Digital PWM Step Down Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7714 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRP7714 Datasheet HTML 17Page - Exar Corporation XRP7714 Datasheet HTML 18Page - Exar Corporation XRP7714 Datasheet HTML 19Page - Exar Corporation XRP7714 Datasheet HTML 20Page - Exar Corporation XRP7714 Datasheet HTML 21Page - Exar Corporation XRP7714 Datasheet HTML 22Page - Exar Corporation XRP7714 Datasheet HTML 23Page - Exar Corporation XRP7714 Datasheet HTML 24Page - Exar Corporation XRP7714 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
X
XR
RP
P7
77
71
14
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
21/27
Rev. 1.1.3
XRP7714
Configured for
external clock use
CLK_IN
GPIO1
Fig. 26:XRP7714 Configured For External Clock Use
Synchronized Operation as a Master and Slave Unit
Two XRP7714s can be synchronized together. This Master-Slave configuration is described below.
•
Master
When the XRP7714 powers up as a master unit after the internal configuration memory is loaded
the unit will send CLK_OUT and SYNC_OUT signals to the slave on the preconfigured GPIO pins.
•
Slave
When powering in sync mode the slave unit will initially power up with its internal clock to transfer
the configuration memory. Once this transfer occurs, then the unit is set to function as a slave unit.
In turn the unit will take the external clock provided by the master to run as its main internal clock.
GPIO2
GPIO2
XRP7714
configured
as a master
XRP7714
configured
as a slave
CLK_OUT
SYNC_OUT
SYNC_IN
CLK_IN
GPIO1
GPIO1
Fig. 27: Master/Slave Configuration of the XRP7714
External Clock Synchronization Master Slave combination
When an external clock is used, the user will need to setup the master to also have an external
clock in function. All of the same rules apply as in the External clock synchronization, Synchronized
operation as a Slave unit section of this document. There are two ways of synchronizing this,
either the external clock going to both Master/Slave CLK_IN, or CLK_IN can go to the Master, and
the Master can synchronize SYNC_OUT and CLK_OUT to the Slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com