Electronic Components Datasheet Search
  English  ▼

X  

LPY410ALTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # LPY410ALTR
Description  MEMS motion sensor: dual-axis pitch and yaw ±100 dps analog gyroscope
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY410ALTR Datasheet(HTML) 4 Page - STMicroelectronics

  LPY410ALTR Datasheet HTML 1Page - STMicroelectronics LPY410ALTR Datasheet HTML 2Page - STMicroelectronics LPY410ALTR Datasheet HTML 3Page - STMicroelectronics LPY410ALTR Datasheet HTML 4Page - STMicroelectronics LPY410ALTR Datasheet HTML 5Page - STMicroelectronics LPY410ALTR Datasheet HTML 6Page - STMicroelectronics LPY410ALTR Datasheet HTML 7Page - STMicroelectronics LPY410ALTR Datasheet HTML 8Page - STMicroelectronics LPY410ALTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Block diagram and pin description
LPY410AL
4/14
Doc ID 16578 Rev 1
Table 2.
Pin description
Pin #
Pin name
Analog function
1
OUT Z
Z rate signal output voltage (not amplified)
2
NC
Internally not connected
3
NC
Internally not connected
4
NC
Internally not connected
5
4xIN Z
Input of 4x amplifier
6
NC
Internally not connected
7
4xOUTZ
Z rate signal output voltage (amplified)
8
NC
Internally not connected
9
Vdd
Power supply
10
NC
Internally not connected
11
NC
Internally not connected
12
NC
Internally not connected
13
NC
Internally not connected
14
4xOUTX
X rate signal output voltage (amplified)
15
NC
Internally not connected
16
4xIN X
Input of 4x amplifier
17
VCONT
PLL filter connection pin #17
18
FILTVDD
PLL filter connection pin #18
19
Vdd
Reserved. connect to Vdd
20
OUTX
X rate signal output voltage (not amplified)
21
NC
Internally not connected
22
Vref
Reference voltage
23
NC
Internally not connected
24
HP
High-pass filter reset (logic 0: normal operation mode;
logic1: external high-pass filter is reset)
25
Res
Reserved. Leave unonnected or connect to Vdd
26
GND
0V supply voltage
27
ST
Self-test (see
Table 6)
28
SLEEP/PD
Sleep mode / power-down mode (see
Table 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com