Electronic Components Datasheet Search
  English  ▼

X  

LPY450ALTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # LPY450ALTR
Description  MEMS motion sensor: dual-axis pitch and yaw ±500 dps analog gyroscope
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY450ALTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LPY450ALTR Datasheet HTML 2Page - STMicroelectronics LPY450ALTR Datasheet HTML 3Page - STMicroelectronics LPY450ALTR Datasheet HTML 4Page - STMicroelectronics LPY450ALTR Datasheet HTML 5Page - STMicroelectronics LPY450ALTR Datasheet HTML 6Page - STMicroelectronics LPY450ALTR Datasheet HTML 7Page - STMicroelectronics LPY450ALTR Datasheet HTML 8Page - STMicroelectronics LPY450ALTR Datasheet HTML 9Page - STMicroelectronics LPY450ALTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Mechanical and electrical specifications
LPY450AL
6/14
Doc ID 16580 Rev 1
2.2
Electrical characteristics
Vdd =3 V, T=25 °C unless otherwise noted(b)
b.
The product is factory calibrated at 3 V
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
2.7
3
3.6
V
Idd
Supply current
SLEEP/PD pin connected
to GND
6.8
mA
IddSl
Supply current sleep
mode
SLEEP/PD, STpin
connected to Vdd
2.1
mA
IddPdn
Supply current in power-
down mode
SLEEP/PD pin connected
to Vdd
15
µA
VST
Self-test input
Logic 0 level
0
0.2*Vdd
V
Logic 1 level
0.8*Vdd
Vdd
VPD
Power-down input
Logic 0 level
0
0.2*Vdd
V
Logic 1 level
0.8*Vdd
Vdd
Top
Operating temperature
range
-40
+85
°C
1.
Typical specifications are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com