Electronic Components Datasheet Search
  English  ▼

X  

LY330ALH Datasheet(PDF) 13 Page - STMicroelectronics

Part # LY330ALH
Description  MEMS motion sensor: high performance ±300 dps analog yaw-rate gyroscope
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LY330ALH Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LY330ALH Datasheet HTML 8Page - STMicroelectronics LY330ALH Datasheet HTML 9Page - STMicroelectronics LY330ALH Datasheet HTML 10Page - STMicroelectronics LY330ALH Datasheet HTML 11Page - STMicroelectronics LY330ALH Datasheet HTML 12Page - STMicroelectronics LY330ALH Datasheet HTML 13Page - STMicroelectronics LY330ALH Datasheet HTML 14Page - STMicroelectronics LY330ALH Datasheet HTML 15Page - STMicroelectronics LY330ALH Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Package information
6
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
®
packages, depending on their level of environmental compliance. ECOPACK
®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
®
is an ST trademark.
LGA-10 package mechanical data
6.1
Figure 6: LGA-10 (3x5x1 mm) mechanical data
8161636B
Table 7: LGA-10 (3x5x1 mm) package dimensions
Dimensions
Ref.
mm
Max.
Typ.
Min.
1.100
A1
0.855
A2
0.200
A3
3.150
3.000
2.850
D1
5.150
5.000
4.850
E1
0.635
L
4.035
L1
2.200
L2
1.382
N1
13/16
DocID16568 Rev 2
Package information
LY330ALH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com