Electronic Components Datasheet Search
  English  ▼

X  

SSCSSND1.6BC7A5 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # SSCSSND1.6BC7A5
Description  TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SSCSSND1.6BC7A5 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  SSCSSND1.6BC7A5 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SSCSSND1.6BC7A5 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SSCSSND1.6BC7A5 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SSCSSND1.6BC7A5 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SSCSSND1.6BC7A5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SSCSSND1.6BC7A5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SSCSSND1.6BC7A5 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SSCSSND1.6BC7A5 Datasheet HTML 8Page - Honeywell Solid State Electronics Center SSCSSND1.6BC7A5 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Honeywell Sensing and Control
5
SSCSANN010BGSA3 Output vs. Pressure
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
Pressure (bar)
2 % FSS Total
Error Band
SSCSANN010BGSA3: SIP, AN ports, no diagnostics, 10 bar gage sensor, SPI, 10% to 90% calibration at 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com