Electronic Components Datasheet Search
  English  ▼

X  

LY530AL Datasheet(PDF) 28 Page - STMicroelectronics

Part # LY530AL
Description  MEMS inertial sensor single-axis analog and digital output yaw rate gyroscope
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LY530AL Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LY530AL Datasheet HTML 22Page - STMicroelectronics LY530AL Datasheet HTML 23Page - STMicroelectronics LY530AL Datasheet HTML 24Page - STMicroelectronics LY530AL Datasheet HTML 25Page - STMicroelectronics LY530AL Datasheet HTML 26Page - STMicroelectronics LY530AL Datasheet HTML 27Page - STMicroelectronics LY530AL Datasheet HTML 28Page - STMicroelectronics LY530AL Datasheet HTML 29Page - STMicroelectronics LY530AL Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Package information
LY530AL
28/30
7
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK® is an ST trademark.
ECOPACK® specifications are available at: www.st.com.
Figure 12.
LGA-16: mechanical data and package dimensions
A1
1.46
1.5
1.6
0.057
0.059
0.063
A2
1.33
0.052
A3
0.16
0.2
0.24
0.006
0.008
0.009
C0.3
0.012
D1
4.85
5
5.15
0.191
0.197
0.203
E1
4.85
5
5.15
0.191
0.197
0.203
L0.8
0.031
L1
3.2
0.126
M
1.6
0.062
M1
2.15
2.175
2.20
0.0850.0860.087
M2
1.625
0.064
N
2.175
0.086
N1
2.4
0.094
T1
0.8
0.031
T2
0.475
0.5
0.525
0.019
0.020
0.021
R
1.2
1.6
0.047
0.063
S
0.1
0.004
h
0.15
0.006
k
0.05
0.002
j
0.1
0.004
LGA-16 (5x5x1.6mm)
Land Grid Array Package
7887555A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com