Electronic Components Datasheet Search
  English  ▼

X  

AN1950 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # AN1950
Description  Water Level Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN1950 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button AN1950 Datasheet HTML 4Page - Freescale Semiconductor, Inc AN1950 Datasheet HTML 5Page - Freescale Semiconductor, Inc AN1950 Datasheet HTML 6Page - Freescale Semiconductor, Inc AN1950 Datasheet HTML 7Page - Freescale Semiconductor, Inc AN1950 Datasheet HTML 8Page - Freescale Semiconductor, Inc AN1950 Datasheet HTML 9Page - Freescale Semiconductor, Inc AN1950 Datasheet HTML 10Page - Freescale Semiconductor, Inc AN1950 Datasheet HTML 11Page - Freescale Semiconductor, Inc AN1950 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AN1950
Sensors
8
Freescale Semiconductor
CNT
ds
1
Lgfx
ds
1
weath
ds
1
UnitType ds
1
UnitDiv ds
1
UnitEmpt ds
1
UnitFull ds
1
ram0
ds
1
NC
ds
1
NB
ds
1
NA
ds
1
DC
ds
1
DB
ds
1
DA
ds
1
MB
ds
1
MA
ds
1
OB
ds
1
OA
ds
1
RB
ds
1
RA
ds
1
P0C
ds
1
P0B
ds
1
P0A
ds
1
NPTR
ds
1
ramfree ds
80
;used both for running RAM version of wrflash & storing 40 readings
;__________________________________________________________
;__________________________________________________________
;__________________________________________________________
org rom
cold:
rsp
;reset SP if any issues (all interrupt vectors point here)
jsr ALLINIT
;general initialization
jsr WARMUP
;give LCD extra time to initialize
brset 1,porta,nocalib
brset 2,porta,nocalib
jmp CALIB
;only do calibration if SEL & ENT at reset
nocalib: ldhx #msg01
;otherwise skip and show welcome messages
jsr lcdstro
;"Reference Design" msg
jsr del1s
;wait 1s
ldhx #msg01a
;"Water Level" msg
jsr lcdstro
jsr del1s
;wait 1s
initCM: ldhx #$A014
;initialize default units to cm ($A0=cm, $3F=in)
sthx UnitType
;UnitType set to $A0; UnitDiv set to $14
ldhx #$039E
sthx UnitEmpt
;UnitEmpt set to $03; UnitFull set to $9E
MENU:
ldhx #msg01b
jsr lcdstro
;Menu msg
clr RA
;menu choice=0 to begin with
lda #$0D
jsr lcdcmdo
;blink cursor on menu choice
luke:
ldx RA
;get current menu choice
clrh
lda menupos,x
;and look up corresponding LCD address
jsr lcdcmdo
;reposition cursor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com