Electronic Components Datasheet Search
  English  ▼

X  

STMPE610 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STMPE610
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STMPE610 Datasheet HTML 22Page - STMicroelectronics STMPE610 Datasheet HTML 23Page - STMicroelectronics STMPE610 Datasheet HTML 24Page - STMicroelectronics STMPE610 Datasheet HTML 25Page - STMicroelectronics STMPE610 Datasheet HTML 26Page - STMicroelectronics STMPE610 Datasheet HTML 27Page - STMicroelectronics STMPE610 Datasheet HTML 28Page - STMicroelectronics STMPE610 Datasheet HTML 29Page - STMicroelectronics STMPE610 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
Analog-to-digital converter
STMPE610
26/56
Doc ID 15432 Rev 3
ADC_CTRL2
ADC control 2
Address:
0x21
Type:
R/W
Reset:
0x01
Description:
ADC control.
ADC_CAPT
ADC channel data capture
Address:
0x22
Type:
R/W
Reset:
0xFF
Description:
To initiate ADC data acquisition
76
543
2
1
0
RESERVED
ADC_FREQ_1
ADC_FREQ_0
[7] RESERVED
[6] RESERVED
[5] RESERVED
[4] RESERVED
[3] RESERVED
[2] RESERVED
[1:0] ADC_FREQ: Selects the clock speed of ADC
00: 1.625 MHz typ.
01: 3.25 MHz typ.
10: 6.5 MHz typ.
11: 6.5 MHz typ.
76
543
2
1
0
CH[7:0]
[7:0] CH[7:0]: ADC channel data capture
Write '1' to initiate data acquisition for the corresponding channel. Writing '0' has no effect.
Reads '1' if conversion is completed. Reads '0' if conversion is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com