Electronic Components Datasheet Search
  English  ▼

X  

STMPE811 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STMPE811
Description  Advanced resistive touch screen controller with 8-bit GPIO expander
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STMPE811_09 Datasheet HTML 24Page - STMicroelectronics STMPE811_09 Datasheet HTML 25Page - STMicroelectronics STMPE811_09 Datasheet HTML 26Page - STMicroelectronics STMPE811_09 Datasheet HTML 27Page - STMicroelectronics STMPE811_09 Datasheet HTML 28Page - STMicroelectronics STMPE811_09 Datasheet HTML 29Page - STMicroelectronics STMPE811_09 Datasheet HTML 30Page - STMicroelectronics STMPE811_09 Datasheet HTML 31Page - STMicroelectronics STMPE811_09 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
Analog-to-digital converter
STMPE811
28/64
Doc ID 14489 Rev 2
9
Analog-to-digital converter
An 8-input,12-bit analog-to-digital converter (ADC) is integrated in the STMPE811. The ADC
can be used as a generic analog-to-digital converter, or as a touch screen controller capable
of controlling a 4-wire resistive touch screen.
Table 13.
ADC controller register summary table
Address
Register name
Size
Description
0x20
ADC_CTRL1
8
ADC control
0x21
ADC_CTRL2
8
ADC control
0x22
ADC_CAPT
8
ADC channel data capture
0x30
ADC_DATA_CH0
8
ADC channel 0 (IN3/GPIO-3)
0x32
ADC_DATA_CH1
8
ADC channel 1 (IN2/GPIO-2)
0x34
ADC_DATA_CH2
8
ADC channel 2 (IN1/GPIO-1)
0x36
ADC_DATA_CH3
8
ADC channel 3 (IN0-GPIO-0)
0x38
ADC_DATA_CH4
8
ADC channel 4 (TSC)
0x3A
ADC_DATA_CH5
8
ADC channel 5 (TSC)
0x3C
ADC_DATA_CH6
8
ADC channel 6 (TSC)
0x3E
ADC_DATA_CH7
8
ADC channel 7 (TSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64