Electronic Components Datasheet Search
  English  ▼

X  

P89LPC972FN Datasheet(PDF) 44 Page - NXP Semiconductors

Part # P89LPC972FN
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC972FN Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button P89LPC972FN Datasheet HTML 40Page - NXP Semiconductors P89LPC972FN Datasheet HTML 41Page - NXP Semiconductors P89LPC972FN Datasheet HTML 42Page - NXP Semiconductors P89LPC972FN Datasheet HTML 43Page - NXP Semiconductors P89LPC972FN Datasheet HTML 44Page - NXP Semiconductors P89LPC972FN Datasheet HTML 45Page - NXP Semiconductors P89LPC972FN Datasheet HTML 46Page - NXP Semiconductors P89LPC972FN Datasheet HTML 47Page - NXP Semiconductors P89LPC972FN Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
P89LPC97X_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 April 2010
44 of 66
NXP Semiconductors
P89LPC970/971/972
8-bit microcontroller with accelerated two-clock 80C51 core
Remark: Users who wish to use this loader should take precautions to avoid erasing the
1 kB sector that contains this bootloader. Instead, the page erase function can be used to
erase the first eight 64-byte pages located in this sector.
A custom bootloader can be written with the Boot Vector set to the custom bootloader, if
desired.
7.29.10 Hardware activation of the bootloader
The bootloader can also be executed by forcing the device into ISP mode during a
power-on sequence (see the P89LPC970/971/972 User manual for specific information).
This has the same effect as having a non-zero status byte. This allows an application to
be built that will normally execute user code but can be manually forced into ISP
operation. If the factory default setting for the boot is changed, it will no longer point to the
factory pre-programmed ISP bootloader code. After programming the flash, the status
byte should be programmed to zero in order to allow execution of the user’s application
code beginning at address 0000H.
7.30 User configuration bytes
Some user-configurable features of the P89LPC970/971/972 must be defined at power-up
and therefore cannot be set by the program after start of execution. These features are
configured through the use of the flash byte UCFG1 and UCFG2. Please see the
P89LPC970/971/972 User Manual for additional details.
7.31 User sector security bytes
There are four/eight User Sector Security Bytes on the P89LPC970/971/972. Each byte
corresponds to one sector. Please see the P89LPC970/971/972 User manual for
additional details.
Table 9.
Default boot vector values and ISP entry points
Device
Default
boot vector
Default
bootloader
entry point
Default bootloader
code range
1 kB sector
range
P89LPC970
07H
0700H
0600H to 07FFH
0400H to 07FFH
P89LPC971
0FH
0F00H
0E00H to 1FFFH
0C00H to 0FFFH
P89LPC972
1FH
1F00H
1E00H to 1FFFH
1C00H to 1FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com