Electronic Components Datasheet Search
  English  ▼

X  

P89LPC983 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P89LPC983
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB wide-voltage byte-erasable flash with 10-bit ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC983 Datasheet(HTML) 3 Page - NXP Semiconductors

  P89LPC983 Datasheet HTML 1Page - NXP Semiconductors P89LPC983 Datasheet HTML 2Page - NXP Semiconductors P89LPC983 Datasheet HTML 3Page - NXP Semiconductors P89LPC983 Datasheet HTML 4Page - NXP Semiconductors P89LPC983 Datasheet HTML 5Page - NXP Semiconductors P89LPC983 Datasheet HTML 6Page - NXP Semiconductors P89LPC983 Datasheet HTML 7Page - NXP Semiconductors P89LPC983 Datasheet HTML 8Page - NXP Semiconductors P89LPC983 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
P89LPC980_982_983_985_2
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 — 8 February 2010
3 of 85
NXP Semiconductors
P89LPC980/982/983/985
8-bit microcontroller with accelerated two-clock 80C51 core
3.
Ordering information
3.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
P89LPC980FDH
TSSOP28
plastic thin shrink small outline package; 28
leads; body width 4.4 mm
SOT361-1
P89LPC982FA
PLCC28
plastic leaded chip carrier; 28 leads
SOT261-2
P89LPC982FDH
TSSOP28
plastic thin shrink small outline package; 28
leads; body width 4.4 mm
SOT361-1
P89LPC983FDH
TSSOP28
plastic thin shrink small outline package; 28
leads; body width 4.4 mm
SOT361-1
P89LPC985FA
PLCC28
plastic leaded chip carrier; 28 leads
SOT261-2
P89LPC985FDH
TSSOP28
plastic thin shrink small outline package; 28
leads; body width 4.4 mm
SOT361-1
Table 2.
Ordering options
Type number
Flash memory
Temperature range
Frequency
P89LPC980FDH
4 kB
−40 °Cto+85 °C
0 MHzto18MHz
P89LPC982FA
8 kB
−40 °Cto+85 °C
0 MHzto18MHz
P89LPC982FDH
8 kB
−40 °Cto+85 °C
0 MHzto18MHz
P89LPC983FDH
4 kB
−40 °Cto+85 °C
0 MHzto18MHz
P89LPC985FA
8 kB
−40 °Cto+85 °C
0 MHzto18MHz
P89LPC985FDH
8 kB
−40 °Cto+85 °C
0 MHzto18MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com