Electronic Components Datasheet Search
  English  ▼

X  

P89LPC980FDH Datasheet(PDF) 23 Page - NXP Semiconductors

Part # P89LPC980FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB wide-voltage byte-erasable flash with 10-bit ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC980FDH Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button P89LPC980FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 20Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 21Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 6.
Special function registers - P89LPC983/985
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary
Bit address
E7
E6E5E4E3E2E1E0
ACC*
Accumulator
E0H
00
0000 0000
AD0CON
A/D control
register 0
97H
ENBI0
ENADCI0
TMM10
EDGE0
ADCI0
ENADC0
ADCS01
ADCS00
00
0000 0000
AD0INS
A/D input select
A3H
AIN07
AIN06
AIN05
AIN04
AIN03
AIN02
AIN01
AIN00
00
0000 0000
AD0MODA
A/D mode
register A
C0H
BNDI0
BURST0
SCC0
SCAN0
----
00
0000 0000
AD0MODB
A/D mode
register B
A1H
CLK2
CLK1
CLK0
INBND0
-
-
BSA0
FCIIS
00
000x 0000
AUXR1
Auxiliary
function register
A2H
CLKLP
EBRR
ENT1
ENT0
SRST
0
-
DPS
00
0000 00x0
Bit address
F7F6F5F4F3
F2
F1
F0
B*
B register
F0H
00
0000 0000
BRGR0[1]
Baud rate
generator 0 rate
low
BEH
00
0000 0000
BRGR1[1]
Baud rate
generator 0 rate
high
BFH
00
0000 0000
BRGCON
Baud rate
generator 0
control
BDH
-
-
----
SBRGS
BRGEN
00[1]
xxxx xx00
CMP1
Comparator 1
control register
ACH
-
-
CE1
CP1
CN1
OE1
CO1
CMF1
00[2]
xx00 0000
CMP2
Comparator 2
control register
ADH
-
-
CE2
CP2
CN2
OE2
CO2
CMF2
00[2]
xx00 0000
DIVM
CPU clock
divide-by-M
control
95H
00
0000 0000
DPTR
Data pointer
(2 bytes)
DPH
Data pointer
high
83H
00
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com