Electronic Components Datasheet Search
  English  ▼

X  

XC6124 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6124
Description  Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6124 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6124 Datasheet HTML 15Page - Torex Semiconductor XC6124 Datasheet HTML 16Page - Torex Semiconductor XC6124 Datasheet HTML 17Page - Torex Semiconductor XC6124 Datasheet HTML 18Page - Torex Semiconductor XC6124 Datasheet HTML 19Page - Torex Semiconductor XC6124 Datasheet HTML 20Page - Torex Semiconductor XC6124 Datasheet HTML 21Page - Torex Semiconductor XC6124 Datasheet HTML 22Page - Torex Semiconductor XC6124 Datasheet HTML 23Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19/23
XC6121/XC6122/XC6123/XC6124
Series
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6121~XC6124
TWD=100ms
0
500
1000
1500
2000
2500
3000
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6121~XC6124
TWD=1600ms
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6121~XC6124
VIN=6.0V
VIN=3.0V
VIN=1.76V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6121~XC6124
VIN=6.0V
VIN=3.0V
VIN=1.76V
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
0123
456
7
Input Voltage: VIN (V)
XC6121~XC6124
Ta=25℃
TDR=3.13ms
90
95
100
105
110
115
120
0123
45
67
Input Voltage: VIN (V)
XC6121~XC6124
Ta=25℃
TWD=100ms
(
6.)Watchdog Timeout Period vs. Ambient Temperature
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(
7.)Release Delay Time vs. Input Voltage
(
8.)Watchdog Timeout Period vs. Input Voltage
例
(
10.)Watchdog High Level Threshould vs. Ambient Temperature
(
9.)Watchdog Low Level Threshould vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com