Electronic Components Datasheet Search
  English  ▼

X  

PBLS2023D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBLS2023D
Description  20 V, 1.8 A PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS2023D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBLS2023D Datasheet HTML 6Page - NXP Semiconductors PBLS2023D Datasheet HTML 7Page - NXP Semiconductors PBLS2023D Datasheet HTML 8Page - NXP Semiconductors PBLS2023D Datasheet HTML 9Page - NXP Semiconductors PBLS2023D Datasheet HTML 10Page - NXP Semiconductors PBLS2023D Datasheet HTML 11Page - NXP Semiconductors PBLS2023D Datasheet HTML 12Page - NXP Semiconductors PBLS2023D Datasheet HTML 13Page - NXP Semiconductors PBLS2023D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PBLS2023D_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 6 September 2009
10 of 16
NXP Semiconductors
PBLS2023D
20 V, 1.8 A PNP BISS loadswitch
VCE =5V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
Fig 13. TR2 (NPN): DC current gain as a function of collector current; typical values
VCE = 0.3 V
(1) Tamb = −40 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
VCE =5V
(1) Tamb = −40 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 14. TR2 (NPN): On-state input voltage as a
function of collector current; typical values
Fig 15. TR2 (NPN): Off-state input voltage as a
function of collector current; typical values
IC (mA)
10−1
102
10
1
006aaa034
102
10
103
hFE
1
(1)
(2)
(3)
006aaa036
IC (mA)
10−1
102
10
1
1
10
VI(on)
(V)
10−1
(2)
(3)
(1)
006aaa037
IC (mA)
10−2
10
1
10−1
1
10
VI(off)
(V)
10−1
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com