Electronic Components Datasheet Search
  English  ▼

X  

PBLS4001D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBLS4001D
Description  40 V PNP BISS loadswitch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS4001D Datasheet(HTML) 1 Page - NXP Semiconductors

  PBLS4001D Datasheet HTML 1Page - NXP Semiconductors PBLS4001D Datasheet HTML 2Page - NXP Semiconductors PBLS4001D Datasheet HTML 3Page - NXP Semiconductors PBLS4001D Datasheet HTML 4Page - NXP Semiconductors PBLS4001D Datasheet HTML 5Page - NXP Semiconductors PBLS4001D Datasheet HTML 6Page - NXP Semiconductors PBLS4001D Datasheet HTML 7Page - NXP Semiconductors PBLS4001D Datasheet HTML 8Page - NXP Semiconductors PBLS4001D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
PNP low VCEsat Breakthrough In Small Signal (BISS) transistor and NPN Resistor-
Equipped Transistor (RET) in a SOT457 (SC-74) small Surface-Mounted Device (SMD)
plastic package.
1.2 Features
I Low VCEsat (BISS) and resistor-equipped transistor in one package
I Low threshold voltage (<1 V) compared to MOSFET
I Low drive power required
I Space-saving solution
I Reduction of component count
1.3 Applications
I Supply line switches
I Battery charger switches
I High-side switches for LEDs, drivers and backlights
I Portable equipment
1.4 Quick reference data
[1]
Device mounted on a ceramic Printed-Circuit Board (PCB), Al2O3, standard footprint.
[2]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
PBLS4001D
40 V PNP BISS loadswitch
Rev. 03 — 5 January 2009
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TR1; PNP low VCEsat transistor
VCEO
collector-emitter voltage
open base
-
-
−40
V
IC
collector current
[1] --
−1A
RCEsat
collector-emitter saturation
resistance
IC = −500 mA;
IB = −50 mA
[2] -
240
340
m
Ω
TR2; NPN resistor-equipped transistor
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
1.54
2.2
2.86
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2


Similar Part No. - PBLS4001D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS4001D PHILIPS-PBLS4001D Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBLS4001D NEXPERIA-PBLS4001D Datasheet
270Kb / 16P
40 V PNP BISS loadswitch
Rev. 03 - 5 January 2009
More results

Similar Description - PBLS4001D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS4003Y PHILIPS-PBLS4003Y Datasheet
121Kb / 11P
40 V PNP BISS loadswitch
Rev. 02-14 July 2005
PBLS4002Y PHILIPS-PBLS4002Y Datasheet
86Kb / 14P
40 V PNP BISS loadswitch
Rev. 01-6 December 2004
PBLS4002D NXP-PBLS4002D Datasheet
156Kb / 15P
40 V PNP BISS loadswitch
Rev. 03-5 January 2009
PBLS4002Y NXP-PBLS4002Y Datasheet
114Kb / 11P
40 V PNP BISS loadswitch
Rev. 03-12 February 2009
PBLS4003Y NXP-PBLS4003Y Datasheet
114Kb / 11P
40 V PNP BISS loadswitch
Rev. 03-13 February 2009
PBLS4004D NXP-PBLS4004D Datasheet
156Kb / 15P
40 V PNP BISS loadswitch
Rev. 03-6 January 2009
PBLS4004Y NXP-PBLS4004Y Datasheet
114Kb / 11P
40 V PNP BISS loadswitch
Rev. 03-16 February 2009
PBLS4005D NXP-PBLS4005D Datasheet
156Kb / 15P
40 V PNP BISS loadswitch
Rev. 03-6 January 2009
logo
Nexperia B.V. All right...
PBLS4001Y NEXPERIA-PBLS4001Y Datasheet
450Kb / 12P
40 V PNP BISS loadswitch
Rev. 03 - 12 February 2009
PBLS4002D NEXPERIA-PBLS4002D Datasheet
271Kb / 16P
40 V PNP BISS loadswitch
Rev. 03 - 5 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com