Electronic Components Datasheet Search
  English  ▼

X  

PBLS4001Y Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PBLS4001Y
Description  40 V PNP BISS loadswitch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS4001Y Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PBLS4001Y Datasheet HTML 3Page - NXP Semiconductors PBLS4001Y Datasheet HTML 4Page - NXP Semiconductors PBLS4001Y Datasheet HTML 5Page - NXP Semiconductors PBLS4001Y Datasheet HTML 6Page - NXP Semiconductors PBLS4001Y Datasheet HTML 7Page - NXP Semiconductors PBLS4001Y Datasheet HTML 8Page - NXP Semiconductors PBLS4001Y Datasheet HTML 9Page - NXP Semiconductors PBLS4001Y Datasheet HTML 10Page - NXP Semiconductors PBLS4001Y Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PBLS4001Y_PBLS4001V_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 12 February 2009
9 of 11
NXP Semiconductors
PBLS4001Y; PBLS4001V
40 V PNP BISS loadswitch
10. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PBLS4001Y_PBLS4001V_3 20090212
Product data sheet
-
PBLS4001Y_ PBLS4001V_2
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Figure 5: y-axis value unit amended
• Figure 6: y-axis value unit amended
• Section 11 “Legal information”: updated
PBLS4001Y_PBLS4001V_2 20050425
Product data sheet
-
PBLS4001Y_ PBLS4001V_1
PBLS4001Y_PBLS4001V_1 20041108
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com