Electronic Components Datasheet Search
  English  ▼

X  

XCM410 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XCM410
Description  2 Channel Voltage Detector (Sense Pin separated from VDD)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM410 Datasheet(HTML) 2 Page - Torex Semiconductor

  XCM410 Datasheet HTML 1Page - Torex Semiconductor XCM410 Datasheet HTML 2Page - Torex Semiconductor XCM410 Datasheet HTML 3Page - Torex Semiconductor XCM410 Datasheet HTML 4Page - Torex Semiconductor XCM410 Datasheet HTML 5Page - Torex Semiconductor XCM410 Datasheet HTML 6Page - Torex Semiconductor XCM410 Datasheet HTML 7Page - Torex Semiconductor XCM410 Datasheet HTML 8Page - Torex Semiconductor XCM410 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
XCM410 Series
●Ordering Information
XCM410①②③④⑤⑥-⑦
(*1)
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
①②
Output Configuration
AA
VOUT1/VOUT2:N-ch open drain output
③④
Detect Voltage
01~
Sequential numbers for two voltage detect combinations
VDF1 Detect Voltage Range:0.8V ~ 5.0V (0.1V increments)
VDF2 Detect Voltage Range:1.1V ~ 5.0V (0.1V increments)
MR
SOT-25
⑤⑥-⑦
Packages
Taping Type
(*2)
MR-G
SOT-25
DESIGNATOR ③④ Detect Voltage
VDF1
VDF2
01
1.5
3.3
PIN
XCM410
FUNCTION
XC6108
XC6109
1
VOUT1
Output 1
VOUT
-
2
VSS
Ground
VSS
VSS
3
VOUT2
Output 2
-
VOUT
4
VIN
Input Voltage
VIN
VIN
5
VSEN
Sense
VSEN
-
■PRODUCT CLASSIFICATION
■PIN CONFIGURATION
■PIN ASSIGNMENT
1
3
2
5
4
VIN
VOUT1
VSS
SOT-25
(TOP VIEW)
VOUT2
VSEN
*This series are semi-custom products.
For other combinations, output voltages and etc., please ask Torex sales contacts.
2:VSS
1:VOUT1
3:VOUT2
XC6108
XC6109
4:VIN
5:VSEN
(*1)
The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2)
The device orientation is fixed in its embossed tape pocket.
For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com