Electronic Components Datasheet Search
  English  ▼

X  

PCA9501D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9501D
Description  8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9501D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9501D Datasheet HTML 6Page - NXP Semiconductors PCA9501D Datasheet HTML 7Page - NXP Semiconductors PCA9501D Datasheet HTML 8Page - NXP Semiconductors PCA9501D Datasheet HTML 9Page - NXP Semiconductors PCA9501D Datasheet HTML 10Page - NXP Semiconductors PCA9501D Datasheet HTML 11Page - NXP Semiconductors PCA9501D Datasheet HTML 12Page - NXP Semiconductors PCA9501D Datasheet HTML 13Page - NXP Semiconductors PCA9501D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
PCA9501_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 10 February 2009
10 of 28
NXP Semiconductors
PCA9501
8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM
7.4.2.2
Random read
The PCA9501’s random read mode allows the address to be read from to be specified by
the master. This is done by performing a dummy write to set the address counter to the
location to be read. The master must perform a byte write to the address location to be
read, but instead of transmitting the data after receiving the acknowledge from the
PCA9501, the master re-issues the START condition and memory slave address with the
R/W bit set to one. The PCA9501 will then transmit an acknowledge and use the next
eight clock cycles to transmit the data contained in the addressed location. The master
ceases the transmission by issuing the STOP condition after the eighth bit, omitting the
ninth clock cycle acknowledge.
7.4.2.3
Sequential read
The PCA9501 sequential read is an extension of either the current address read or
random read. If the master does not issue a STOP condition after it has received the
eighth data bit, but instead issues an acknowledge, the PCA9501 will increment the
address counter and use the next eight cycles to transmit the data from that location. The
master can continue this process to read the contents of the entire memory. Upon
reaching address 255 the counter will return to address 0 and continue transmitting data
until a STOP condition is received. The master ceases the transmission by issuing the
STOP condition after the eighth bit, omitting the ninth clock cycle acknowledge.
Fig 14. Current address read
1
A
S
slave address (memory)
START condition
R/W
acknowledge
from slave
002aad298
data from memory
SDA
A5 A4 A3 A2 A1 A0
1
P
STOP condition
Fig 15. Random read
0
A
S
slave address (memory)
START condition
R/W
acknowledge
from slave
002aad299
word address
SDA
A5 A4 A3 A2 A1 A0
1
P
STOP
condition
A
acknowledge
from slave
data from memory
A
acknowledge
from slave
1
S
slave address (memory)
START condition
R/W
A5 A4 A3 A2 A1 A0
1
Fig 16. Sequential read
1
A
S
slave address (memory)
START condition
R/W
acknowledge
from slave
002aad300
data from memory
SDA
A5 A4 A3 A2 A1 A0
1
P
STOP
condition
A
acknowledge
from master
data from memory
DATA n
data from memory
DATA n + 1
A
acknowledge
from master
DATA n + X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com