Electronic Components Datasheet Search
  English  ▼

X  

M0810-2R5105-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # M0810-2R5105-R
Description  Supercapacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

M0810-2R5105-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  M0810-2R5105-R Datasheet HTML 1Page - Cooper Bussmann, Inc. M0810-2R5105-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Cooper Bussmann
® PowerStor® supercapacitors are unique, ultra-high
capacitance devices utilizing electrochemical double layer capacitor (EDLC)
construction combined with new, high performance materials. This
combination of advanced technologies allows Cooper Bussmann to offer a
wide variety of capacitor solutions tailored to specific applications that range
from a few micro-amps for several days to several amps for milliseconds.
M Series
The new PowerStor M Series of supercapacitors offers high capacitance and
ultra-low equivalent series resistance in 8mm, 10mm and 13mm diameter
can sizes.
Supercapacitors
M Series
Specifications
Working Voltage
2.5V
Surge Voltage
3.0V
Nominal Capacitance
1.0F to 9.0F
Capacitance Tolerance
-20% to +80% (20°C)
Operating Temperature Range
-40°C to 60°C
Extended Operating Temperature Range
-40°C to 85°C (Max. working voltage: 2.0V)
Standard Product
Nominal ESR (
Ω) (Equivalent Series Resistance)
Measured @
Nominal Dimensions (mm)
Typicam Mass
Capacitance (F)
Part Number
1kHz
DC
Diameter
Length
(grams/piece)
1
M0810-2R5105-R
0.150
0.200
8
13
1.2
2
M0820-2R5205-R
0.075
0.100
8
20
1.5
3
M1020-2R5305-R
0.035
0.050
10
20.5
2.8
6
M1030-2R5605-R
0.025
0.035
10
30
3.9
9
M1325-2R5905-R
0.020
0.030
13
26
5.6
Performance
Capacitance Change
ESR
Parameter
(% of initial measured value)
(% of initial measured value)
Life (1000 hrs @ 60°C @ 2.5Vdc)
< 30 %
< 200 %
Storage - Low and High Temperature
(1000 hrs @ -40°C and 60°C)
< 30 %
< 200 %
Pb
HALOGEN
HF
FREE
0909
BU-SB09840
Page 1 of 2
Data Sheet: 4308
Features and Benefits
Series
Generic
Specific
Applications
2.5 Volts, low ESR, high capacitance
Pulse power, bridge or
M
long cycle life, low leakage current
Low ESR with high energy density
hold up power
RoHS compliant, halogen free, lead free


Similar Part No. - M0810-2R5105-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
M0810-2R5105-R EATON-M0810-2R5105-R Datasheet
347Kb / 3P
Cylindrical cells
More results

Similar Description - M0810-2R5105-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0820-2R5474-R ETC2-A0820-2R5474-R Datasheet
178Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
B0510-2R5224-R COOPER-B0510-2R5224-R Datasheet
250Kb / 2P
Supercapacitors
PHB-5R0V155-R COOPER-PHB-5R0V155-R Datasheet
239Kb / 2P
Supercapacitors
PA-5R0H474-R COOPER-PA-5R0H474-R Datasheet
245Kb / 2P
Supercapacitors
PB-5R0H105-R COOPER-PB-5R0H105-R Datasheet
254Kb / 2P
Supercapacitors
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
A_SERIES COOPER-A_SERIES Datasheet
105Kb / 2P
Supercapacitors
PM-5R0V474-R COOPER-PM-5R0V474-R Datasheet
246Kb / 2P
Supercapacitors
PHV-5R4V474-R COOPER-PHV-5R4V474-R Datasheet
199Kb / 2P
Supercapacitors
logo
Kemet Corporation
FM-SERIES KEMET-FM-SERIES Datasheet
560Kb / 17P
Supercapacitors
12/16/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com