Electronic Components Datasheet Search
  English  ▼

X  

PCA9541A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9541A
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541A Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9541A Datasheet HTML 1Page - NXP Semiconductors PCA9541A Datasheet HTML 2Page - NXP Semiconductors PCA9541A Datasheet HTML 3Page - NXP Semiconductors PCA9541A Datasheet HTML 4Page - NXP Semiconductors PCA9541A Datasheet HTML 5Page - NXP Semiconductors PCA9541A Datasheet HTML 6Page - NXP Semiconductors PCA9541A Datasheet HTML 7Page - NXP Semiconductors PCA9541A Datasheet HTML 8Page - NXP Semiconductors PCA9541A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
PCA9541A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2009
2 of 41
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
An active LOW reset input allows the PCA9541A to be initialized. Pulling the RESET pin
LOW resets the I2C-bus state machine and configures the device to its default state as
does the internal Power-On Reset (POR) function.
2.
Features
I 2-to-1 bidirectional master selector
I I2C-bus interface logic; compatible with SMBus standards
I PCA9541A/01 powers up with Channel 0 selected
I PCA9541A/03 powers up with no channel selected and either master can take control
of the bus
I Active LOW interrupt input
I 2 active LOW interrupt outputs
I Active LOW reset input
I 4 address pins allowing up to 16 devices on the I2C-bus
I Channel selection via I2C-bus
I Bus initialization/recovery function
I Bus traffic sensor
I Low Ron switches
I Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses
I No glitch on power-up
I Supports hot insertion
I Software identical for both masters
I Low standby current
I Operating power supply voltage range of 2.3 V to 5.5 V
I 6.0 V tolerant inputs
I 0 Hz to 400 kHz clock frequency
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: SO16, TSSOP16, HVQFN16
3.
Applications
I High reliability systems with dual masters
I Gatekeeper multiplexer on long single bus
I Bus initialization/recovery for slave devices without hardware reset
I Allows masters without arbitration logic to share resources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com