Electronic Components Datasheet Search
  English  ▼

X  

PCA9547D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9547D
Description  8-channel I2C-bus multiplexer with reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9547D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9547D Datasheet HTML 4Page - NXP Semiconductors PCA9547D Datasheet HTML 5Page - NXP Semiconductors PCA9547D Datasheet HTML 6Page - NXP Semiconductors PCA9547D Datasheet HTML 7Page - NXP Semiconductors PCA9547D Datasheet HTML 8Page - NXP Semiconductors PCA9547D Datasheet HTML 9Page - NXP Semiconductors PCA9547D Datasheet HTML 10Page - NXP Semiconductors PCA9547D Datasheet HTML 11Page - NXP Semiconductors PCA9547D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
PCA9547_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 10 July 2009
8 of 26
NXP Semiconductors
PCA9547
8-channel I2C-bus multiplexer with reset
6.5 Voltage translation
The pass gate transistors of the PCA9547 are constructed such that the VDD voltage can
be used to limit the maximum voltage that will be passed from one I2C-bus to another.
Figure 7 shows the voltage characteristics of the pass gate transistors (note that the
PCA9547 is only tested at the points specified in Section 10 “Static characteristics” of this
data sheet). In order for the PCA9547 to act as a voltage translator, the Vo(mux) voltage
should be equal to, or lower than the lowest bus voltage. For example, if the main bus was
running at 5 V, and the downstream buses were 3.3 V and 2.7 V, then Vo(mux) should be
equal to or below 2.7 V to effectively clamp the downstream bus voltages. Looking at
Figure 7, we see that Vo(mux)(max) will be at 2.7 V when the PCA9547 supply voltage is
3.5 V or lower so the PCA9547 supply voltage could be set to 3.3 V. Pull-up resistors can
then be used to bring the bus voltages to their appropriate levels (see Figure 14).
More information can be found in
Application Note AN262, PCA954X family of I2C/SMBus
multiplexers and switches.
(1) maximum
(2) typical
(3) minimum
Fig 7.
Pass gate voltage as a function of supply voltage
VDD (V)
2.0
5.5
4.5
3.0
4.0
002aab802
3.0
2.0
4.0
5.0
Vo(mux)
(V)
1.0
3.5
5.0
2.5
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com