Electronic Components Datasheet Search
  English  ▼

X  

PCA9548A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9548A
Description  8-channel I2C-bus switch with reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9548A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9548A Datasheet HTML 9Page - NXP Semiconductors PCA9548A Datasheet HTML 10Page - NXP Semiconductors PCA9548A Datasheet HTML 11Page - NXP Semiconductors PCA9548A Datasheet HTML 12Page - NXP Semiconductors PCA9548A Datasheet HTML 13Page - NXP Semiconductors PCA9548A Datasheet HTML 14Page - NXP Semiconductors PCA9548A Datasheet HTML 15Page - NXP Semiconductors PCA9548A Datasheet HTML 16Page - NXP Semiconductors PCA9548A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
PCA9548A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 7 July 2009
13 of 26
NXP Semiconductors
PCA9548A
8-channel I2C-bus switch with reset
9.
Limiting values
[1]
The performance capability of a high-performance integrated circuit in conjunction with its thermal
environment can create junction temperatures which are detrimental to reliability. The maximum junction
temperature of this integrated circuit should not exceed 125
°C.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
VSS (ground=0V).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
II
input current
-
±20
mA
IO
output current
-
±25
mA
IDD
supply current
-
±100
mA
ISS
ground supply current
-
±100
mA
Ptot
total power dissipation
-
400
mW
Tstg
storage temperature
−60
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com