Electronic Components Datasheet Search
  English  ▼

X  

PCA9548AD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9548AD
Description  8-channel I2C-bus switch with reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9548AD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9548AD Datasheet HTML 5Page - NXP Semiconductors PCA9548AD Datasheet HTML 6Page - NXP Semiconductors PCA9548AD Datasheet HTML 7Page - NXP Semiconductors PCA9548AD Datasheet HTML 8Page - NXP Semiconductors PCA9548AD Datasheet HTML 9Page - NXP Semiconductors PCA9548AD Datasheet HTML 10Page - NXP Semiconductors PCA9548AD Datasheet HTML 11Page - NXP Semiconductors PCA9548AD Datasheet HTML 12Page - NXP Semiconductors PCA9548AD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
PCA9548A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 7 July 2009
9 of 26
NXP Semiconductors
PCA9548A
8-channel I2C-bus switch with reset
7.
Characteristics of the I2C-bus
The I2C-bus is for 2-way, 2-line communication between different ICs or modules. The two
lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be
connected to a positive supply via a pull-up resistor when connected to the output stages
of a device. Data transfer may be initiated only when the bus is not busy.
7.1 Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the HIGH period of the clock pulse as changes in the data line at this time
will be interpreted as control signals (see Figure 8).
7.2 START and STOP conditions
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW
transition of the data line while the clock is HIGH is defined as the START condition (S). A
LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the STOP
condition (P) (see Figure 9).
7.3 System configuration
A device generating a message is a ‘transmitter’, a device receiving is the ‘receiver’. The
device that controls the message is the ‘master’ and the devices which are controlled by
the master are the ‘slaves’ (see Figure 10).
Fig 8.
Bit transfer
mba607
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Fig 9.
Definition of START and STOP conditions
mba608
SDA
SCL
P
STOP condition
S
START condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com