Electronic Components Datasheet Search
  English  ▼

X  

PCA9626B Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA9626B
Description  24-bit Fm I2C-bus 100 mA 40 V LED driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9626B Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA9626B Datasheet HTML 35Page - NXP Semiconductors PCA9626B Datasheet HTML 36Page - NXP Semiconductors PCA9626B Datasheet HTML 37Page - NXP Semiconductors PCA9626B Datasheet HTML 38Page - NXP Semiconductors PCA9626B Datasheet HTML 39Page - NXP Semiconductors PCA9626B Datasheet HTML 40Page - NXP Semiconductors PCA9626B Datasheet HTML 41Page - NXP Semiconductors PCA9626B Datasheet HTML 42Page - NXP Semiconductors PCA9626B Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
PCA9626_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 31 August 2009
39 of 47
NXP Semiconductors
PCA9626
24-bit Fm+ I2C-bus 100 mA 40 V LED driver
15. Test information
Rise and fall times refer to VIL and VIH.
Fig 19. I2C-bus timing diagram
SCL
SDA
tHD;STA
tSU;DAT
tHD;DAT
tf
tBUF
tSU;STA
tLOW
tHIGH
tVD;ACK
002aab285
tSU;STO
protocol
START
condition
(S)
bit 7
MSB
(A7)
bit 6
(A6)
bit 1
(D1)
bit 0
(D0)
1 / fSCL
tr
tVD;DAT
acknowledge
(A)
STOP
condition
(P)
RL = Load resistor for LEDn. RL for SDA and SCL > 1 kΩ (3 mA or less current).
CL = Load capacitance includes jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generators.
Fig 20. Test circuitry for switching times
PULSE
GENERATOR
VO
CL
50 pF
RL
500
Ω
002aab284
RT
VI
VDD
DUT
VDD
open
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com