Electronic Components Datasheet Search
  English  ▼

X  

LVR008S Datasheet(PDF) 2 Page - Tyco Electronics

Part # LVR008S
Description  PolySwitch짰PTC Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR008S Datasheet(HTML) 2 Page - Tyco Electronics

  LVR008S Datasheet HTML 1Page - Tyco Electronics LVR008S Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tyco/Electronics
Raychem Circuit Protection
308 Constitution Drive
Menlo Park, CA 94025-1164
800-227-4856
FAX 800-227-4866
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: LVR008S
DOCUMENT: SCD 24903
PCN: 029390
REV LETTER: H
REV DATE: JUNE 18, 2003
PAGE NO.: 2 OF 2
Warning: Application Limitations for LVR Product Line
1. Users should independently evaluate the suitability of and test each product selected for their
own application.
2. This product should not be used in an application where maximum interrupt voltage or
maximum interrupt current can be exceeded in a fault condition. Operation beyond the
maximum ratings or improper use may result in device damage and possible electrical arcing
and flame.
3. A PTC device is not a fuse - it is a nonlinear thermistor that limits current. Because under a
fault condition all PTC devices go into a high resistance state but not open circuit, hazardous
voltage may be present at PTC locations.
4. The devices are intended for protection against occasional overcurrent or overtemperature
fault conditions and should not be used when repeated fault conditions or prolonged trip events
are anticipated.
5. In most applications, power must be removed and the fault condition cleared in order to reset a
PTC device. However, under certain unusual conditions, a PTC device may automatically
reset (see Raychem Circuit Protection Databook). Accordingly, PTC devices should not be
used in an application where an automatic reset could create a safety hazard, such as garbage
disposals and blenders.
6. It is the responsibility of the user to determine the need for back up or fail safe protection to
prevent damage that may occur in the event of abnormal function or failure of the PTC device.
7. Operation in circuits with a large inductance can generate a circuit voltage (Ldi/dt) above the
rated voltage of a PTC device.
8. Devices are not recommended for reflow soldering.
9. Device performance can be impacted negatively if devices are handled in a manner
inconsistent with recommended electronic, thermal, or mechanical procedures for electronic
components.
10. PTC devices are not recommended to be installed in applications where the device is
constrained such that its PTC properties are inhibited, for example in rigid potting materials or
in rigid housings which lack adequate clearance to accommodate device expansion.
11. Contamination of the PTC material with certain silicone-based oils or some aggressive
solvents can adversely impact the performance of the devices.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com