Electronic Components Datasheet Search
  English  ▼

X  

PCA9633 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9633
Description  4-bit Fm I2C-bus LED driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9633 Datasheet HTML 8Page - NXP Semiconductors PCA9633 Datasheet HTML 9Page - NXP Semiconductors PCA9633 Datasheet HTML 10Page - NXP Semiconductors PCA9633 Datasheet HTML 11Page - NXP Semiconductors PCA9633 Datasheet HTML 12Page - NXP Semiconductors PCA9633 Datasheet HTML 13Page - NXP Semiconductors PCA9633 Datasheet HTML 14Page - NXP Semiconductors PCA9633 Datasheet HTML 15Page - NXP Semiconductors PCA9633 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
PCA9633_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 July 2008
12 of 43
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
7.3.1 Mode register 1, MODE1
[1]
It takes 500
µs max. for the oscillator to be up and running once SLEEP bit has been set to logic 0. Timings on LEDn outputs are not
guaranteed if PWMx, GRPPWM or GRPFREQ registers are accessed within the 500
µs window.
[2]
When the oscillator is off (Sleep mode) the LED outputs cannot be turned on, off or dimmed/blinked.
7.3.2 Mode register 2, MODE2
Table 8.
MODE1 - Mode register 1 (address 00h) bit description
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
AI2
read only
0
Register Auto-Increment disabled
1*
Register Auto-Increment enabled
6
AI1
read only
0*
Auto-Increment bit1=0
1
Auto-Increment bit1=1
5
AI0
read only
0*
Auto-Increment bit0=0
1
Auto-Increment bit0=1
4
SLEEP
R/W
0
Normal mode[1].
1*
Low power mode. Oscillator off[2].
3
SUB1
R/W
0*
PCA9633 does not respond to I2C-bus subaddress 1.
1
PCA9633 responds to I2C-bus subaddress 1.
2
SUB2
R/W
0*
PCA9633 does not respond to I2C-bus subaddress 2.
1
PCA9633 responds to I2C-bus subaddress 2.
1
SUB3
R/W
0*
PCA9633 does not respond to I2C-bus subaddress 3.
1
PCA9633 responds to I2C-bus subaddress 3.
0
ALLCALL
R/W
0
PCA9633 does not respond to LED All Call I2C-bus address.
1*
PCA9633 responds to LED All Call I2C-bus address.
Table 9.
MODE2 - Mode register 2 (address 01h) bit description
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
-
read only
0*
reserved
6
-
read only
0*
reserved
5
DMBLNK
R/W
0*
Group control = dimming
1
Group control = blinking
4
INVRT[1]
R/W
0*
Output logic state not inverted. Value to use when no external driver used.
Applicable when OE = 0 for PCA9633 16-pin version.
1
Output logic state inverted. Value to use when external driver used.
Applicable when OE = 0 for PCA9633 16-pin version.
3
OCH
R/W
0*
Outputs change on STOP command.[2]
1
Outputs change on ACK.
2
OUTDRV[1]
R/W
0
The 4 LED outputs are configured with an open-drain structure.
1*
The 4 LED outputs are configured with a totem pole structure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com