Electronic Components Datasheet Search
  English  ▼

X  

PCA9633DP2 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCA9633DP2
Description  4-bit Fm I2C-bus LED driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633DP2 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCA9633DP2 Datasheet HTML 23Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 24Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 25Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 26Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 27Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 28Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 29Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 30Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
PCA9633_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 July 2008
27 of 43
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
Question 3: Can I really sink 400 mA through the single ground pin on the package and
will this cause any ground bounce problem due to the PWM of the LEDs?
• Yes, you can sink 400 mA through a single ground pin on the package. Although the
package only has one ground pin, there are two ground pads on the die itself
connected to this one pin. Although some ground bounce is likely, it will not disrupt the
operation of the part and would be reduced by the external decoupling capacitance.
Question 4: I can’t turn the LEDs on or off, but their registers are set properly. Why?
• Check the Mode Register 1 bit 4 SLEEP setting. The value needs to be 0 so that the
OSC is turn on. If the OSC is turned off, the LEDs cannot be turned on or off and also
can’t be dimmed or blinked.
Question 5: I’m using LEDs with integrated Zener diodes and the IC is getting very hot.
Why?
• The IC outputs can be set to either open-drain or push-pull and default to push-pull
outputs. In this application with the Zener diodes, they need to be set to open-drain
since in the push-pull architecture there is a low resistance path to GND through the
Zener and this is causing the IC to overheat. The PCA9632/33/34/35 ICs all power-up
in the push-pull output mode and with the logic state HIGH, so one of the first things
that need to be done is to set the outputs to open-drain.
11. Limiting values
Table 19.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.0
V
VI/O
voltage on an input/output pin
VSS − 0.5
5.5
V
IO(LEDn)
output current on pin LEDn
-
25
mA
ISS
ground supply current
-
100
mA
Ptot
total power dissipation
-
400
mW
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com