Electronic Components Datasheet Search
  English  ▼

X  

PCA9665D Datasheet(PDF) 79 Page - NXP Semiconductors

Part # PCA9665D
Description  Fm parallel bus to I2C-bus controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9665D Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button PCA9665D Datasheet HTML 75Page - NXP Semiconductors PCA9665D Datasheet HTML 76Page - NXP Semiconductors PCA9665D Datasheet HTML 77Page - NXP Semiconductors PCA9665D Datasheet HTML 78Page - NXP Semiconductors PCA9665D Datasheet HTML 79Page - NXP Semiconductors PCA9665D Datasheet HTML 80Page - NXP Semiconductors PCA9665D Datasheet HTML 81Page - NXP Semiconductors PCA9665D Datasheet HTML 82Page - NXP Semiconductors PCA9665D Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
PCA9665_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 12 August 2008
79 of 90
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
14. Test information
Test data are given in Table 52.
RL = load resistance.
CL = load capacitance includes jig and probe capacitance.
RT = termination resistance should be equal to the output impedance ZO of the pulse generators.
Fig 44. Test circuitry for switching times
Table 52.
Test data
Test
Load
S1
CL
RL
td(DV)
50 pF
500
Ω
VDD × 2
td(QZ)
50 pF
500
Ω
open
Test data are given in Table 53.
RL = load resistance. RL for SDA and SCL > 1 kΩ (3 mA or less current).
CL = load capacitance includes jig and probe capacitance.
RT = termination resistance should be equal to the output impedance ZO of the pulse generators.
Fig 45. Test circuitry for open-drain switching times
Table 53.
Test data
Test
Load
S1
CL
RL
td(DV)
50 pF
1 k
Ω
VDD
td(QZ)
50 pF
1 k
Ω
VDD
tas(int)
50 pF
1 k
Ω
VDD
tdas(int)
50 pF
1 k
Ω
VDD
PULSE
GENERATOR
VO
CL
50 pF
RL
500
Ω
002aac694
RT
VI
VDD
DUT
RL
500
Ω
VDD × 2
open
VSS
PULSE
GENERATOR
VO
CL
50 pF
RL
1 k
Ω
002aac695
RT
VI
VDD
DUT
VDD
open
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com