Electronic Components Datasheet Search
  English  ▼

X  

PCA9665N Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA9665N
Description  Fm parallel bus to I2C-bus controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9665N Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA9665N Datasheet HTML 35Page - NXP Semiconductors PCA9665N Datasheet HTML 36Page - NXP Semiconductors PCA9665N Datasheet HTML 37Page - NXP Semiconductors PCA9665N Datasheet HTML 38Page - NXP Semiconductors PCA9665N Datasheet HTML 39Page - NXP Semiconductors PCA9665N Datasheet HTML 40Page - NXP Semiconductors PCA9665N Datasheet HTML 41Page - NXP Semiconductors PCA9665N Datasheet HTML 42Page - NXP Semiconductors PCA9665N Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
50h
BC[6:0] data bytes
have been received;
ACK has been
returned for all the
bytes
Read data bytes
or
0
Total number of bytes
to be received
0
0
0
X
1
BC[6:0] data bytes will be received, ACK bit
will be returned for all of them
Read data bytes
or
1
Total number of bytes
to be received
0
0
0
X
1
BC[6:0] data bytes will be received, ACK bit
will be returned for all of them, except for the
last one where NACK bit will be returned
58h
BC[6:0] data bytes
have been received;
ACK has been
returned for all the
bytes, except for the
last one where NACK
bit has been returned
Read data bytes
or
X
X
1
0
0
X
1
Repeated START condition will be transmitted
Read data bytes
or
X
X
0
1
0
X
1
STOP condition will be transmitted;
STO flag will be reset.
Read data bytes
X
X
1
1
0
X
1
STOP condition followed by a START
condition will be transmitted;
STO flag will be reset.
Table 36.
Master Receiver Buffered mode (MODE = 1) …continued
Status
code
(I2CSTA)
Status of the
I2C-bus and the
PCA9665
Application software response
Next action taken by the PCA9665
To/from I2CDAT
To/from I2CCOUNT
To I2CCON
LB
BC[6:0]
STA STO SI
AA
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com