Electronic Components Datasheet Search
  English  ▼

X  

LVR016K Datasheet(PDF) 6 Page - Tyco Electronics

Part # LVR016K
Description  PolySwitch Resettable Devices Line-Voltage-Rated Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR016K Datasheet(HTML) 6 Page - Tyco Electronics

Back Button LVR016K Datasheet HTML 2Page - Tyco Electronics LVR016K Datasheet HTML 3Page - Tyco Electronics LVR016K Datasheet HTML 4Page - Tyco Electronics LVR016K Datasheet HTML 5Page - Tyco Electronics LVR016K Datasheet HTML 6Page - Tyco Electronics LVR016K Datasheet HTML 7Page - Tyco Electronics LVR016K Datasheet HTML 8Page - Tyco Electronics LVR016K Datasheet HTML 9Page - Tyco Electronics LVR016K Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
144
RoHS Compliant, ELV Compliant
10
Test
Conditions
Resistance Change
Passive aging
70°C, 1000 hours
±10%
85°C, 1000 hours
±10%
Humidity aging
85°C, 85%RH, 1000 hours
±20%
Thermal shock
85°C, -40°C (10 times)
±15%
Solvent resistance
MIL-STD-202, Method 215F
No change
Lead material
LVR005N-016 : Tin-plated copper, (24AWG), ø0.51mm (0.020in.)
LVR025-040
: Tin-plated copper, (22AWG), ø0.64mm (0.025in.)
LVR055-200
: Tin-plated copper, (20AWG), ø0.81mm (0.032in.)
LVRL
: Tin-plated copper, (20AWG), ø0.81mm (0.032in.)
Soldering characteristics
Solderability per ANSI/J-STD-002 Category 3
Solder heat withstand
Per IEC-STD 68-2-20, Test Tb, Method 1A, Condition B, can withstand 10 seconds at 260°C ±5°C
Insulating material
LVR005N-055 : Cured, flame-retardant epoxy polymer, meets UL 94V-0
LVR075-200
: Cured, flame-retardant modified silicone, meets UL 94V-0
LVRL
: Cured, flame-retardant epoxy polymer, meets UL 94V-0
Note: Devices are not designed to be placed through a reflow process.
LVR/LVRL
Physical Characteristics
Environmental Specifications
Agency Recognitions for LVR Devices
UL
File # E74889
CSA
File # CA78165
TÜV
Certificate number available on request (per IEC 60730-1).
Fault Current (A)
1000
100
10
1
0.1
1
0.1
10
100
A
A
B
B
C
C
D
D
E
E
F
F
K
K
L
L
M
M
N
N
P
P
Q
Q
O
O
G
G
H
H
I
I
J
J
Figure L6
LVR/LVRL
A=
LVR005N
B=
LVR008N
C=
LVR012
D=
LVR016
E =
LVR025
F =
LVR033
G=
LVR040
H=
LVR055
I=
LVRL075
J=
LVR075
K=
LVRL100
L=
LVR100
M=
LVRL125
N=
LVR125
O=
LVRL135
P=
LVRL200
Q=
LVR200
Table L5 Physical Characteristics and Environmental Specifications for LVR Devices
Figure L6 Typical Time-to-trip curves at 20°C for LVR Devices



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com