Electronic Components Datasheet Search
  English  ▼

X  

NANOSMDC110F Datasheet(PDF) 1 Page - Tyco Electronics

Part # NANOSMDC110F
Description  PolySwitch짰PTC Devices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

NANOSMDC110F Datasheet(HTML) 1 Page - Tyco Electronics

  NANOSMDC110F Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tyco / Electronics
Raychem Circuit Protection
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
Fax: 800-227-4866
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: nanoSMDC110F
DOCUMENT: SCD 25078
PCN: 048616
REV LETTER: F
REV DATE: MAY 11, 2006
PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Rating
Voltage: 6.0VDC MAX
Short Circuit Current: 100A
Notes:
1. All terminations are Tin plated.
2. Drawing not to scale
Marking:
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
mm:
3.00
3.40
0.67
1.00
1.37
1.80
0.25
0.75
0.076
in:
(0.118) (0.134) (0.026) (0.039) (0.054) (0.071) (0.010) (0.030) (0.003)
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS**
TIME TO
TRIP **
RESISTANCE
VALUES
TRIPPED-
STATE POWER
DISSIPATION**
AMPERES
AT 0°C
AMPERES
AT 20°C
AMPERES
AT 60°C
SECONDS
AT 20°C, 8.0A
OHMS
AT 20°C
WATTS AT
20°C, 6.0V
HOLD TRIP HOLD
TRIP HOLD TRIP
MAX
MIN
MAX*
MAX
1.30
2.60
1.10
2.20
0.80
1.60
0.1
0.07
0.20
0.8
* Maximum resistance is measured 1 hour after reflow.
** Values specified were determined using PCB’s with 0.030”X1.5 ounce copper traces.
Agency Recognitions:
UL, CSA, TÜV
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flam
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free
© 2006 Tyco Electronics Corporation. All rights reserved.


Similar Part No. - NANOSMDC110F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
nanoSMDC110F MACOM-nanoSMDC110F Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
nanoSMDC110F MACOM-nanoSMDC110F Datasheet
307Kb / 16P
PolySwitch Resettable Devices Surface-mount Devices
NANOSMDC110F MACOM-NANOSMDC110F Datasheet
299Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
NANOSMDC110F LITTELFUSE-NANOSMDC110F Datasheet
98Kb / 2P
PolySwitch PTC Devices
NANOSMDC110F LITTELFUSE-NANOSMDC110F Datasheet
308Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
More results

Similar Description - NANOSMDC110F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LR4-1300SSF MACOM-LR4-1300SSF Datasheet
47Kb / 1P
PolySwitch짰PTC Devices
SRP200 MACOM-SRP200 Datasheet
72Kb / 1P
PolySwitch짰PTC Devices
SRP420 MACOM-SRP420 Datasheet
73Kb / 1P
PolySwitch짰PTC Devices
TRF250-120T-B-0.5 MACOM-TRF250-120T-B-0.5 Datasheet
82Kb / 1P
PolySwitch짰PTC Devices
TRF250-183US MACOM-TRF250-183US Datasheet
87Kb / 1P
PolySwitch짰PTC Devices
TS250-130F-B-0.5 MACOM-TS250-130F-B-0.5 Datasheet
80Kb / 1P
PolySwitch짰PTC Devices
SMD030F MACOM-SMD030F Datasheet
34Kb / 1P
PolySwitch짰PTC Devices
SMD075F MACOM-SMD075F_1 Datasheet
33Kb / 1P
PolySwitch짰PTC Devices
VLR230UF MACOM-VLR230UF Datasheet
37Kb / 1P
PolySwitch짰PTC Devices
VLR170UF MACOM-VLR170UF Datasheet
37Kb / 1P
PolySwitch짰PTC Devices
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com