Electronic Components Datasheet Search
  English  ▼

X  

PCA9675 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9675
Description  Remote 16-bit I/O expander for Fm I2C-bus with interrupt
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9675 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9675 Datasheet HTML 1Page - NXP Semiconductors PCA9675 Datasheet HTML 2Page - NXP Semiconductors PCA9675 Datasheet HTML 3Page - NXP Semiconductors PCA9675 Datasheet HTML 4Page - NXP Semiconductors PCA9675 Datasheet HTML 5Page - NXP Semiconductors PCA9675 Datasheet HTML 6Page - NXP Semiconductors PCA9675 Datasheet HTML 7Page - NXP Semiconductors PCA9675 Datasheet HTML 8Page - NXP Semiconductors PCA9675 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
PCA9675_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 1 February 2007
2 of 34
NXP Semiconductors
PCA9675
Remote 16-bit I/O expander for Fm+ I2C-bus with interrupt
I Packages offered: SO24, SSOP24, QSOP24, TSSOP24, HVQFN24, DHVQFN24
3.
Applications
I LED signs and displays
I Servers
I Industrial control
I PLCs
I Cellular telephones
I Gaming machines
I Instrumentation and test measurement
4.
Ordering information
[1]
The PCA9675DB is a drop-in replacement (same package, footprint, pinout and software) for the PCF8575TS.
[2]
Also known as QSOP24.
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA9675D
PCA9675D
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
PCA9675DB[1] PCA9675DB
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm SOT340-1
PCA9675DK
PCA9675DK
SSOP24[2]
plastic shrink small outline package; 24 leads;
body width 3.9 mm; lead pitch 0.635 mm
SOT556-1
PCA9675PW
PCA9675PW TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
PCA9675BQ
9675
DHVQFN24 plastic dual in-line compatible thermal enhanced very thin quad
flat package; no leads; 24 terminals; body 3.5
× 5.5 × 0.85 mm
SOT815-1
PCA9675BS
9675
HVQFN24
plastic thermal enhanced very thin quad flat package; no leads;
24 terminals; body 4
× 4 × 0.85 mm
SOT616-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com