Electronic Components Datasheet Search
  English  ▼

X  

PCA9675D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9675D
Description  Remote 16-bit I/O expander for Fm I2C-bus with interrupt
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9675D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9675D Datasheet HTML 17Page - NXP Semiconductors PCA9675D Datasheet HTML 18Page - NXP Semiconductors PCA9675D Datasheet HTML 19Page - NXP Semiconductors PCA9675D Datasheet HTML 20Page - NXP Semiconductors PCA9675D Datasheet HTML 21Page - NXP Semiconductors PCA9675D Datasheet HTML 22Page - NXP Semiconductors PCA9675D Datasheet HTML 23Page - NXP Semiconductors PCA9675D Datasheet HTML 24Page - NXP Semiconductors PCA9675D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
PCA9675_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 1 February 2007
21 of 34
NXP Semiconductors
PCA9675
Remote 16-bit I/O expander for Fm+ I2C-bus with interrupt
12. Static characteristics
[1]
The power-on reset circuit resets the I2C-bus logic with VDD <VPOR and set all I/Os to logic 1 (with current source to VDD).
[2]
Each bit must be limited to a maximum of 25 mA and the total package limited to 400 mA due to internal busing limits.
[3]
The value is not tested, but verified on sampling basis.
Table 5.
Static characteristics
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
2.3
-
5.5
V
IDD
supply current
Operating mode; no load;
VI =VDD or VSS; fSCL = 1 MHz
-
250
500
µA
Istb
standby current
Standby mode; no load;
VI =VDD or VSS
-
2.5
10
µA
VPOR
power-on reset voltage
[1] -
1.6
2.0
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
−0.5
-
+0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
IOL
LOW-level output current
VOL = 0.4 V
20
-
-
mA
IL
leakage current
VI =VDD or VSS
−1-
+1
µA
Ci
input capacitance
VI =VSS
-
5
10
pF
I/Os; P00 to P07 and P10 to P17
IOL
LOW-level output current[2]
VOL = 0.5 V; VDD = 2.3 V
12
28
-
mA
VOL = 0.5 V; VDD = 3.0 V
17
35
-
mA
VOL = 0.5 V; VDD = 4.5 V
25
42
-
mA
IOL(tot)
total LOW-level output current[2]
VOL = 0.5 V; VDD = 4.5 V
-
-
400
mA
IOH
HIGH-level output current
VOH =VSS
−30
−102
−300
µA
Itrt(pu)
transient boosted pull-up current VOH =VSS; see Figure 16
−0.5
−1.0
-
mA
Cio(off)
off-state input/output
capacitance
[3] -
9
10
pF
Interrupt INT
IOL
LOW-level output current
VOL = 0.4 V
6
-
-
mA
Co
output capacitance
-
2.1
5
pF
Inputs AD0, AD1, AD2
VIL
LOW-level input voltage
−0.5
-
+0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
ILI
input leakage current
−1-
+1
µA
Ci
input capacitance
-
2.4
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com