Electronic Components Datasheet Search
  English  ▼

X  

PCF2123 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF2123_09 Datasheet HTML 31Page - NXP Semiconductors PCF2123_09 Datasheet HTML 32Page - NXP Semiconductors PCF2123_09 Datasheet HTML 33Page - NXP Semiconductors PCF2123_09 Datasheet HTML 34Page - NXP Semiconductors PCF2123_09 Datasheet HTML 35Page - NXP Semiconductors PCF2123_09 Datasheet HTML 36Page - NXP Semiconductors PCF2123_09 Datasheet HTML 37Page - NXP Semiconductors PCF2123_09 Datasheet HTML 38Page - NXP Semiconductors PCF2123_09 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
PCF2123_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 December 2009
35 of 55
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
The watchdog is implemented to prevent the excessive loss of time due to interface
access failure e.g. if main power is removed from a battery backed-up system during an
interface access.
Each time the watchdog period is exceeded, 1 s will be lost from the time counters. The
watchdog will trigger between 1 s and 2 s after receiving a valid subaddress.
a. Correct data transfer: read or write
b. Incorrect data transfer; read or write
Fig 27. Interface watchdog timer
001aai563
valid sub-address
running
time
counters
WD timer
data
CE
WD timer running
time counters frozen
running
data
tw(CE) < 1 s
data
data
001aai564
valid sub-address
running
time
counters
WD timer
data
CE
WD timer running
data transfer fail
WD trips
time counters frozen
running
data
1 s < tw(CE) < 2 s
data
data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com