Electronic Components Datasheet Search
  English  ▼

X  

PCF2123BS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF2123BS
Description  SPI Real time clock/calendar
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123BS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF2123BS Datasheet HTML 10Page - NXP Semiconductors PCF2123BS Datasheet HTML 11Page - NXP Semiconductors PCF2123BS Datasheet HTML 12Page - NXP Semiconductors PCF2123BS Datasheet HTML 13Page - NXP Semiconductors PCF2123BS Datasheet HTML 14Page - NXP Semiconductors PCF2123BS Datasheet HTML 15Page - NXP Semiconductors PCF2123BS Datasheet HTML 16Page - NXP Semiconductors PCF2123BS Datasheet HTML 17Page - NXP Semiconductors PCF2123BS Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
PCF2123_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 December 2009
14 of 55
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
[1]
Hour mode is set by the 12_24 bit in register Control_1.
9.6.4 Register Days
[1]
The PCF2123 compensates for leap years by adding a 29th day to February if the year counter contains a
value which is exactly divisible by 4, including the year 00.
9.6.5 Register Weekdays
[1]
Definition may be re-assigned by the user.
9.6.6 Register Months
24 hour mode[1]
5 to 4 HOURS
0 to 2
ten’s place
actual hours in 24 hour mode coded in BCD format
3 to 0
0 to 9
unit place
Table 11.
Hours - hours register (address 04h) bit description …continued
Bit
Symbol
Value
Place value Description
Table 12.
Days - days register (address 05h) bit description
Bit
Symbol
Value
Place value Description
7 to 6 -
-
-
unused
5to4 DAYS[1]
0 to 3
ten’s place
actual day coded in BCD format
3 to 0
0 to 9
unit place
Table 13.
Weekdays - weekdays register (address 06h) bit description
Bit
Symbol
Value
Description
7 to 3 -
-
unused
2 to 0 WEEKDAYS
0 to 6
actual weekday values, see Table 14
Table 14.
Weekday assignments
Day[1]
Bit
2
1
0
Sunday
0
0
0
Monday
0
0
1
Tuesday
0
1
0
Wednesday
0
1
1
Thursday
1
0
0
Friday
1
0
1
Saturday
1
1
0
Table 15.
Months - months register (address 07h) bit description
Bit
Symbol
Value
Place value Description
7 to 5 -
-
-
unused
4
MONTHS
0 to 1
ten’s place
actual month coded in BCD format, see Table 16
3 to 0
0 to 9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com