Electronic Components Datasheet Search
  English  ▼

X  

PCF2123U/10AA Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCF2123U/10AA
Description  SPI Real time clock/calendar
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123U/10AA Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCF2123U/10AA Datasheet HTML 41Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 42Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 43Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 44Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 45Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 46Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 47Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 48Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
PCF2123_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 December 2009
45 of 55
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
Fig 33. Bare die outline of PCF2123U/12
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCF2123U/12
- - -
- - -
- - -
pcf2123u_12_do
09-10-17
09-10-19
Unit
mm
max
nom
min
0.22
0.018
0.015
0.012
1.492 1.449
1.296
0.198
0.09
0.09
0.084
0.081
0.078
A
Dimensions
Note
1. Dimension includes saw lane.
2. P1 and P3: pad size.
3. P2 and P4: bump size.
WLCSP12: wafer level chip size package; 12 bumps; 1.492 x 1.449 x 0.22 mm
PCF2123U/12
A1
A2
0.2
D(1)
E(1)
eP1(2) P2(3)
0.084
0.081
0.078
P3(2) P4(3)
0
0.5
1 mm
scale
X
detail Y
P2
P1
P4
P3
detail X
A1
A2
A
Y
0
x
0
y
D
E
e
e
PC2123-1
7
8
9
10
11
12
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com