Electronic Components Datasheet Search
  English  ▼

X  

PDTA115T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTA115T
Description  PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA115T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTA115T Datasheet HTML 6Page - NXP Semiconductors PDTA115T Datasheet HTML 7Page - NXP Semiconductors PDTA115T Datasheet HTML 8Page - NXP Semiconductors PDTA115T Datasheet HTML 9Page - NXP Semiconductors PDTA115T Datasheet HTML 10Page - NXP Semiconductors PDTA115T Datasheet HTML 11Page - NXP Semiconductors PDTA115T Datasheet HTML 12Page - NXP Semiconductors PDTA115T Datasheet HTML 13Page - NXP Semiconductors PDTA115T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PDTA115T_SER_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 September 2009
10 of 17
NXP Semiconductors
PDTA115T series
PNP resistor-equipped transistors; R1 = 100 k
Ω, R2 = open
Fig 7.
Package outline SOT54A
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.38
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
3
2
e
5.08
e1
L2
2.54
L1
(1)
max.
3
b1
0.66
0.55
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54A
97-05-13
04-06-28
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
L2
d
E
Plastic single-ended leaded (through hole) package; 3 leads (wide pitch)
SOT54A
e1
e
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com