Electronic Components Datasheet Search
  English  ▼

X  

CS42L73 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS42L73
Description  Ultra Low Power Mobile Audio and Telephony CODEC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L73 Datasheet(HTML) 3 Page - Cirrus Logic

  CS42L73 Datasheet HTML 1Page - Cirrus Logic CS42L73 Datasheet HTML 2Page - Cirrus Logic CS42L73 Datasheet HTML 3Page - Cirrus Logic CS42L73 Datasheet HTML 4Page - Cirrus Logic CS42L73 Datasheet HTML 5Page - Cirrus Logic CS42L73 Datasheet HTML 6Page - Cirrus Logic CS42L73 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
CS42L73
General Description
The CS42L73 is a highly integrated, low-power, audio and telephony CODEC for portable applications such as
smartphones and ultra mobile personal computers.
The CS42L73 features a flexible clocking architecture, allowing the device to utilize reference clock frequencies
of 6, 12, 24, 13, 26, 19.2, or 38.4 MHz, or any standard audio master clock. Up to two reference/master clock sourc-
es may be connected; either one can be selected to drive the internal clocks and processing rate of the CS42L73.
Thus, multiple master clock sources within a system can be dynamically activated and de-activated to minimize sys-
tem-level power consumption.
Three asynchronous bidirectional serial ports (Auxiliary, Audio, and Voice Serial Ports) support multiple clock
domains of various digital audio sources or destinations. Three low-latency, fast-locking, integrated high-perfor-
mance asynchronous sample rate converters synchronize and convert the audio samples to the internal
processing rate of the CS42L73.
A stereo line input or two mono (one stereo) microphone (MIC) inputs are routed to a stereo ADC. The MIC inputs
may be selectively pre-amplified by +10 or +20 dB. Two independent, low-noise MIC bias voltage supplies are also
provided. A programmable gain amplifier (PGA) is applied to the inputs before they reach the ADC.
The stereo input path that follows the stereo ADC begins with a multiplexer to selectively choose data from a dig-
ital MIC interface. Following the multiplexer, the data is decimated, selectively DC high-pass filtered, channel-
swapped or mono-to-stereo routed (fanned-out), and volume adjusted or muted. The volume levels can be automat-
ically adjusted via a programmable Automatic Level Control (ALC) and noise gate.
A digital mixer is utilized to mix and route the CS42L73’s inputs (analog inputs to ADC, digital MIC, or serial ports)
to outputs (DAC-fed amplifiers or serial ports). There is independent attenuation on each mixer input for each output.
The processing along the output paths from the digital mixer to the two stereo DACs includes volume adjustment
and mute control. A peak-detector can be used to automatically adjust the volume levels via a programmable limiter.
The first stereo DAC feeds the stereo headphone and line output amplifiers, which are powered from a dedicated
positive supply. An integrated charge pump provides a negative supply. This allows a ground-centered analog out-
put with a wide signal swing, and eliminates external DC-blocking capacitors while reducing pops and clicks. Tri-
level Class-H amplification is utilized to reduce power consumption under low-signal-level conditions. Analog vol-
ume controls are provided on the stereo headphone and line outputs.
The second stereo DAC feeds several mono outputs. The left channel of the DAC sources a mono, differential-
drive, speakerphone amplifier for driving the handset speakerphone. The right channel sources a mono, differ-
ential-drive, earphone amplifier for driving the handset earphone. The right channel is also routed to a mono,
differential-drive, speakerphone line output, which may be connected to an external amplifier to implement a ste-
reo speakerphone configuration when it is used in conjunction with the integrated speakerphone amplifier.
The CS42L73 implements robust power management to achieve ultra-low power consumption. High granularity
in power-down controls allows individual functional blocks to be powered down when unused. The internal low drop-
out regulator (LDO) saves power by running the internal digital circuits at half the logic interface supply voltage
(VL/2). In a system with an existing high-efficiency supply at VL/2, the internal LDO may be disabled and the digital
circuits powered directly by the external VL/2 supply.
A high-speed I²C control port interface capable of up to 400 kHz operation facilitates register programming.
The CS42L73 is available in space-saving 64-ball WLCSP and 65-ball FBGA packages for the commercial (-40° to
+85° C) grade.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com